Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8523 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
18
I
2C CONTROL MODE
In I2C mode, the WM8523 is a slave device on the control interface; SCLK is a clock input, while SDA is
a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the same
interface, the WM8523 transmits logic 1 by tri-stating the SDA pin, rather than pulling it high. An external
pull-up resistor is required to pull the SDA line high so that the logic 1 can be recognised by the master.
In order to allow many devices to share a single I2C control bus, every device on the bus has a unique 7-
bit device address (this is not the same as the 8-bit address of each register in the WM8523). The
device address is determined by the logic level on the SDOUT and CS
¯ ¯ pins as shown in Table 7. The
LSB of the device address is the R/W
¯ ¯ bit; this bit is set to logic 1 for “Read” and logic 0 for “Write”.
SDOUT
ADDR1
CS
¯¯
ADDR0
DEVICE ADDRESS
0
0
0011 0100 (34h)
0
1
0011 0110 (36h)
1
0
0011 1100 (3Ch)
1
1
0011 1110 (3Eh)
Table 7 Control Interface Device Address Selection
The WM8523 operates as an I2C slave device only. The controller indicates the start of data transfer
with a high to low transition on SDA while SCLK remains high. This indicates that a device address,
register address and data will follow. All devices on the I
2C bus respond to the start condition and shift in
the next eight bits on SDA (7-bit device address + Read/Write bit, MSB first). If the device address
received matches the device address of the WM8523, then the WM8523 responds by pulling SDA low on
the next clock pulse (ACK). If the device address is not recognised or the R/W
¯ ¯ bit is ‘1’ when operating
in write only mode, the WM8523 returns to the idle condition and waits for a new start condition and valid
address.
If the device address matches the device address of the WM8523, the data transfer continues as
described below. The controller indicates the end of data transfer with a low to high transition on SDA
while SCLK remains high. After receiving a complete address and data sequence the WM8523 returns
to the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns to
the idle condition.
The WM8523 supports the following read and write operations:
•
Single write
•
Single read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com