Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDO4K-RSSD Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # HDO4K-RSSD
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button HDO4K-RSSD Datasheet HTML 2Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 3Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 4Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 5Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 6Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 7Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 9Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 10Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
HDO4000 High Definition Oscilloscopes
combine Teledyne LeCroy’s HD4096
high definition technology with long
memory and powerful debug tools in a
compact form factor with a 12.1” touch
screen display.
1. Only 13 cm (5”) Deep – The most
space-efficient oscilloscope for your
bench from 200 MHz to 1 GHz
2. 12.1” Widescreen (16 x 9) high resolution
WXGA color touch screen display. The most
time-efficient user interface is even easier to
use with a built-in stylus
3. Local language user interface – Select from
10 language preferences. Add a front panel
overlay with your local language
4. “Push” Knobs – All knobs have push
functionality that provides shortcuts to
common actions such as Set to Variable, Find
Trigger Level, Zero Offset, and Zero Delay
HDO4000 - HIGH DeFINITION OSCILLOSCOPe
2
1
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com