Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDO4K-RSSD Datasheet(PDF) 16 Page - Teledyne Technologies Incorporated

Part # HDO4K-RSSD
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD Datasheet(HTML) 16 Page - Teledyne Technologies Incorporated

Back Button HDO4K-RSSD Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 9Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 10Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 11Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 12Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 13Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 14Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 15Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 16Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ORDeRING INFORMATION
Customer Service
Teledyne LeCroy oscilloscopes and probes are designed, built, and
tested to ensure high reliability. In the unlikely event you experience
difficulties, our digital oscilloscopes are fully warranted for three years
and our probes are warranted for one year. This warranty includes:
• No charge for return shipping
• Long-term 7-year support
• Upgrade to latest software at no charge
© 2012 Teledyne LeCroy. All rights reserved. Specifications, prices, availability, and delivery subject to change without notice.
Product or brand names are trademarks or requested trademarks of their respective holders.
hdo4k-ds-15nov12
Local sales offices are located throughout the world.
Visit our website to find the most convenient location.
1-800-5-LeCroy
teledynelecroy.com
Product Description
Product Code
HDO 4000 Oscilloscopes
200 MHz, 2.5 GS/s, 2 Ch, 12.5 Mpts/Ch 12-bit HD
Oscilloscope with 12.1" WXGA Touch Display
HDO4022
200 MHz, 2.5 GS/s, 4 Ch, 12.5 Mpts/Ch 12-bit HD
Oscilloscope with 12.1" WXGA Touch Display
HDO4024
350 MHz, 2.5 GS/s, 2 Ch, 12.5 Mpts/Ch 12-bit HD
Oscilloscope with 12.1" WXGA Touch Display
HDO4032
350 MHz, 2.5 GS/s, 4 Ch, 12.5 Mpts/Ch 12-bit HD
Oscilloscope with 12.1" WXGA Touch Display
HDO4034
500 MHz, 2.5 GS/s, 4 Ch, 12.5 Mpts/Ch 12-bit HD
Oscilloscope with 12.1" WXGA Touch Display
HDO4054
1 GHz, 2.5 GS/s, 4 Ch, 12.5 Mpts/Ch 12-bit HD
Oscilloscope with 12.1" WXGA Touch Display
HDO4104
Included with Standard Configuration
÷10 Passive Probe (Total of 1 Per Channel), Getting Started Guide,
Anti-virus Software (Trial Version), Microsoft Windows Embedded Standard
7 P 64-Bit License, Commercial NIST Traceable Calibration with
Certificate, Power Cable for the Destination Country, 3-year Warranty
Memory Option
25 Mpts/CH (50 Mpts interleaved) memory
HDO4K-L
Hardware Options
Removable Solid State Drive Package (includes
removable solid state drive kit and two hard drives
HDO4K-RSSD
Additional Removable Solid State Drive
HDO4K-RSSD-02
General Accessories
External GPIB Accessory
USB2-GPIB
Soft Carrying Case
HDO4K-SOFTCASE
Rack Mount Accessory
HDO4K-RACK
Accessory Pouch
HDO4K-POUCH
Local Language Overlays
German Front Panel Overlay
HDO4K-A-FP-GERMAN
French Front Panel Overlay
HDO4K-A-FP-FRENCH
Italian Front Panel Overlay
HDO4K-A-FP-ITALIAN
Spanish Front Panel Overlay
HDO4K-A-FP-SPANISH
Japanese Front Panel Overlay
HDO4K-A-FP-JAPANESE
Korean Front Panel Overlay
HDO4K-A-FP-KOREAN
Chinese (Tr) Front Panel Overlay
HDO4K-A-FP-CHNES-TR
Chinese (Simp) Front Panel Overlay
HDO4K-A-FP-CHNES-SI
Russian Front Panel Overlay
HDO4K-A-FP-RUSSIAN
Software Options
Electrical Telecom Mask Test Package
HDO4K-ET-PMT
Spectrum Analysis Option
HDO4K-SPECTRUM
Power Analysis Option
HDO4K-PWR
Serial Data Options
I2C, SPI and UART Trigger and Decode Option
HDO4K-EMB
I2C Bus Trigger and Decode Option
HDO4K-I2Cbus TD
SPI Bus Trigger and Decode Option
HDO4K-SPIbus TD
UART and RS-232 Trigger and Decode Option
HDO4K-UART-RS232bus TD
CAN, LIN and FlexRay Trigger and Decode Option
HDO4K-AUTO
LIN Trigger and Decode Option
HDO4K-LINbus TD
CAN TD Trigger and Decode Option
HDO4K-CANbus TD
Product Description
Product Code
Serial Data Options (cont’d)
FlexRay Trigger and Decode Option
HDO4K-FlexRaybus TD
SENT Decode Option
HDO4K-SENTbus D
MIL-STD-1553 Trigger and Decode Option
HDO4K-1553 TD
ARINC 429 Symbolic Decode Option
HDO4K-ARINC429bus DSymbolic
USB 2.0 Trigger and Decode Option
HDO4K-USB2bus TD
USB2-HSIC Decode Option
HDO4K-USB2-HSICbus D
D-PHY Decode Option
HDO4K-DPHYbus D
DigRF 3G Decode Option
HDO4K-DigRF3Gbus D
DigRF v4 Decode Option
HDO4K-DigRFv4bus D
Audiobus Trigger and Decode Option for
I2S, LJ, RJ, and TDM
HDO4K-Audiobus TD
Probes and Amplifiers
250 MHz Passive Probe for HDO4000 and
HDO6000, 10:1, 10 MOhm
PP017
500 MHz Passive Probe for HDO4000 and
HDO6000, 10:1, 10 MOhm
PP018
Set of 4 ZS1500, 1.5 GHz, 0.9 pF, 1 M
Ω
High Impedance Active Probe
ZS1500-QUADPAK
Set of 4 ZS1000, 1 GHz, 0.9 pF, 1 M
Ω
High Impedance Active Probe
ZS1000-QUADPAK
200 MHz, 3.5 pF, 1 M
Ω Active Differential Probe
ZD200
500 MHz, 1.0 pF, 1 M
Ω Active Differential Probe
ZD500
1 GHz, 1.0 pF, 1 M
Ω Active Differential Probe
ZD1000
1.5 GHz, 1.0 pF, 1 M
Ω Active Differential Probe
ZD1500
1,400 V, 100 MHz High-Voltage Differential Probe
ADP305
1,400 V, 20 MHz High-Voltage Differential Probe
ADP300
1 Ch, 100 MHz Differential Amplifier
with Precision Voltage Source
DA1855A
30 A; 100 MHz Current Probe – AC/DC; 30 A
rms
; 50 A
peak
Pulse
CP031
30 A; 50 MHz Current Probe – AC/DC; 30 A
rms
; 50 A
peak
Pulse
CP030
30 A; 50 MHz Current Probe – AC/DC; 30 A
rms
; 50 A
peak
Pulse
AP015
150 A; 10 MHz Current Probe – AC/DC; 150 A
rms
; 500 A
peak
Pulse
CP150
500 A; 2 MHz Current Probe – AC/DC; 500 A
rms
; 700 A
peak
Pulse
CP500
10:1/100:1 200/300 MHz, 50 M
Ω High-voltage Probe
600 V/1,2 kV Max. Volt. DC
PPE1.2KV
100:1 400 MHz 50 M
Ω 2 kV High-voltage Probe
PPE2KV
100:1 400 MHz 50 M
Ω 4 kV High-voltage Probe
PPE4KV
1000:1 400 MHz 50 M
Ω 5 kV High-voltage Probe
PPE5KV
1000:1 400 MHz 50 M
Ω 6 kV High-voltage Probe
PPE6KV
1000:1 100 MHz 50 M
Ω 6 kV High-voltage Probe
20 kV Max. Volt DC + 40 kVPeak AC
PPE20KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com