Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDO4K-RSSD Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # HDO4K-RSSD
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  HDO4K-RSSD Datasheet HTML 1Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 2Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 3Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 4Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 5Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 6Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 7Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HDO4000
High Definition
Oscilloscopes
200 MHz – 1 GHz
Key Features
• 12-bit ADC resolution, up to
15-bit with enhanced resolution
• 200 MHz, 350 MHz, 500 MHz,
1 GHz bandwidths
• Long Memory – up to 50 Mpts
• 12.1” touch screen display
• Multi-language User Interface
• WaveScan – Advanced Search
and Find
• LabNotebook Documentation
and Report Generation
• History Mode – Waveform
Playback
• Spectrum Analyzer Mode
• Power Analysis Software
• Serial Data Trigger and Decode
HD4096 Technology
HD4096 high definition technology
consists of high sample rate 12-bit
ADCs, high signal-to-noise input
amplifiers and a low-noise system
architecture. This technology enables
high definition oscilloscopes to capture
and display signals of up to 1 GHz with
high sample rate and 16 times more
resolution than other oscilloscopes.
Long Memory
With up to 50 Mpts of memory
the HDO4000 High Definition
Oscilloscopes can capture large
amounts of data with more precision
than other oscilloscopes. The 2.5 GS/s,
50 Mpts architecture provides the
ability to capture a fast transient or a
long acquisition.
Large 12.1” Touch Screen
Navigating complicated user interfaces
is a thing of the past thanks to the
large touch screen display of the
HDO4000. The user interface was
designed for touch screens which
makes navigating the HDO4000
extremely intuitive. Every aspect of the
interface is touchable making channel,
timebase and trigger settings only
one touch away.
Compact Form Factor
The HDO4000 builds upon Teledyne
LeCroy’s history of “Large Screen,
Small Footprint” with its 12.1” wide
touch screen display and 5” depth.
Additionally, the innovative rotating,
tilting feet enable the HDO4000 to be
placed in 4 different viewing positions
ensuring optimal viewing no matter
where it is being positioned in the lab.
Combining Teledyne LeCroy’s HD4096 high definition 12-bit
technology, with long memory, a compact form factor, 12.1” touch
screen display and powerful debug tools, the HDO4000 is the
ideal oscilloscope for precise measurements and quick debug.
Tools such as WaveScan Search and Find, LabNotebook Report
Generator, and History Mode help identify and isolate problems
for faster troubleshooting.


Similar Part No. - HDO4K-RSSD

ManufacturerPart #DatasheetDescription
logo
Bogen Communications LL...
HDO100 BOGEN-HDO100 Datasheet
1Mb / 8P
BOGEN MICROPHONES
logo
Sensortechnics GmbH
HDOB001AE8H SENSORTECHNICS-HDOB001AE8H Datasheet
77Kb / 5P
Precision compensated pressure sensors
HDOB001AE8P SENSORTECHNICS-HDOB001AE8P Datasheet
77Kb / 5P
Precision compensated pressure sensors
HDOB001AH SENSORTECHNICS-HDOB001AH Datasheet
75Kb / 5P
Precision compensated pressure sensors
HDOB001AP SENSORTECHNICS-HDOB001AP Datasheet
75Kb / 5P
Precision compensated pressure sensors
More results

Similar Description - HDO4K-RSSD

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
DSOS204A KEYSIGHT-DSOS204A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
DSOS254A KEYSIGHT-DSOS254A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
DSOS404A KEYSIGHT-DSOS404A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS204A KEYSIGHT-MSOS204A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS254A KEYSIGHT-MSOS254A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS804A KEYSIGHT-MSOS804A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com