Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDO4K-RSSD Datasheet(PDF) 13 Page - Teledyne Technologies Incorporated

Part # HDO4K-RSSD
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD Datasheet(HTML) 13 Page - Teledyne Technologies Incorporated

Back Button HDO4K-RSSD Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 9Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 10Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 11Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 12Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 13Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 14Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 15Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 16Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PRObeS
zS Series High Impedance
Active Probes
ZS2500, ZS1500, ZS1000,
ZS2500-QUADPAK,
ZS1500-QUADPAK,
ZS1000-QUADPAK
The ZS Series probes provide high impedance and an
extensive set of probe tips and ground accessories to
handle a wide range of probing scenarios. The high
1 M
Ω input resistance and low 0.9 pF input capacitance
mean this probe is ideal for all frequencies. The ZS Series
probes provide full system bandwidth for all Teledyne
LeCroy oscilloscopes having bandwidths of 1 GHz
and lower.
Differential Probes
(200 MHz – 1.5 GHz)
ZD1500, ZD1000, ZD500,
ZD200
High bandwidth, excellent common-mode rejection ratio
(CMRR) and low noise make these active differential
probes ideal for applications such as automotive
development (e.g. FlexRay) and failure analysis, as well
as wireless and data communication design. The ProBus
interface allows sensitivity, offset and common-mode
range to be displayed on the oscilloscope screen.
High Voltage
Differential Probes
ADP305, ADP300, AP031
Low cost active differential probes are intended for
measuring higher voltages. The differential techniques
employed permit measurements to be taken at two
points in a circuit without reference to the ground,
allowing the oscilloscope to be safely grounded without
the use of opto-isolators or isolating transformers.
High Voltage
Passive Probes
PPE1.2KV, PPE20KV,
PPE2KV, PPE4KV, PPE5KV,
PPE6KV
The PPE Series includes five fixed-attenuation probes
covering a range from 2 kV to 20 kV, and one switchable
probe providing ÷10/÷100 attenuation for voltage inputs
up to 1.2 kV. All fixed-attenuation, standard probes
automatically rescale compatible Teledyne LeCroy
oscilloscopes for the appropriate attenuation of the probe.
Current Probes
CP031, CP030, AP015,
CP150, CP500, DCS015
Available current probes reach bandwidths of 100 MHz,
peak currents of 700 A and sensitivities of 10 mA/div. Use
multiple current probes to make measurements on three-
phase systems or a single current probe with a voltage
probe to make instantaneous power measurements.
Teledyne LeCroy current probes enable the design and
testing of switching power supplies, motor drives, electric
vehicles, and uninterruptible power supplies.
The right probe is an essential tool for accurate signal capture and Teledyne LeCroy offers an extensive range of
probes to meet virtually every probing need.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com