Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RF002RF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # W2RF002RF
Description  Most Suitable IC for Controlling LED Effects within Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RF002RF Datasheet(HTML) 1 Page - Omron Electronics LLC

  W2RF002RF Datasheet HTML 1Page - Omron Electronics LLC W2RF002RF Datasheet HTML 2Page - Omron Electronics LLC W2RF002RF Datasheet HTML 3Page - Omron Electronics LLC W2RF002RF Datasheet HTML 4Page - Omron Electronics LLC W2RF002RF Datasheet HTML 5Page - Omron Electronics LLC W2RF002RF Datasheet HTML 6Page - Omron Electronics LLC W2RF002RF Datasheet HTML 7Page - Omron Electronics LLC W2RF002RF Datasheet HTML 8Page - Omron Electronics LLC W2RF002RF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LED Control IC
W2RF002RF
1
LED Control IC
W2RF002RF
Most Suitable IC for Controlling LED
Effects within Applications
• Free-running PWM gradation control, with up to 1,024 levels, en-
ables the representation of beautiful fade-in and fade-out effects.
• CPU load can be reduced by controlling lighting gradation and speed.
• Up to 49 pieces of this IC can be connected on the same serial bus
communication line. Device group setting is also possible.
• 24 Line Outputs are contained in the 7 x 7 mm package.
• Use with Omron’s W2RV005RM Constant Current IC to directly
drive multiple LED’s in series.
• RoHS Compliant
Ordering Information
Specifications
Absolute Maximum Ratings (Ta = 25°C)
Note: 1. Take the power consumption and power dissipation rating
into consideration.
2. When implemented on a standard board (70 x 70 x 1.6 mm, Cu 3%,
Single-sided glass epoxy board). The value reduces at a rate of about
9.52 mW/
°C when the IC is used at Ta = 25°C or higher.
Recommended Operating Conditions
Note: 1. Take the timing characteristics into consideration.
DC Electrical Characteristics (Ta = 25°C, V
DD = 5V)
Description
Model
LED Control IC
W2RF002RF
Item
Symbol
Rating
Supply Voltage
V
DD
-0.3 to 7.0 V
Input Voltage
V
IN
-0.3 to V
DD + 0.3 ≤ 7.0 V
Communication Output
Voltage (SCL-O, SDA-O)
V
SOUT
-0.3 to V
DD + 0.3 ≤ 7.0 V
Driving Output Voltage
V
DOUT
-0.3 to 20 V
Driving Output Current/pin
(See note 1)
I
DOUT
50 mA (when V
DD = 5.0 V)
30 mA (when V
DD = 3.3 V)
Power Dissipation
Pd
1.19 W (See note 2)
Operating Temperature
T
OPR
-20 to 85
°C
Storage Temperature
T
STG
-40 to 150
°C
Item
Symbol
Rating
Supply Voltage
V
DD
3.0 to 5.5 V
Input Voltage
V
IN
0 to V
DD V
Communication Output
Current (SCL-O, SDA-O)
I
SOUT
-10 to 10 mA
Communication Clock
Frequency (SCL-I)
f
SCL
Max. 5 MHz
(See note 1)
Item
Symbol
Condition
Spec.
Unit
Applicable
terminal
Min.
Typ.
Max.
High-level Input Voltage
V
IH
- - -
V
DD x 0.7
- - -
- - -
V
SDA-I, SCL-I, RST, INV,
ADRA0 to 2, ADRB0 to 2
Low-level Input Voltage
V
IL
- - -
- - -
- - -
V
DD x 0.3
V
High-level Communication
Output Voltage
V
SOH
I
OUT = -10 mA
V
DD - 0.5
- - -
- - -
V
SDA-O, SCL-O
Low-level Communication
Output Voltage
V
SOL
I
OUT = 10 mA
- - -
- - -
0.5
V
Driving Output Voltage 1
V
DO1
I
OUT = 50 mA
- - -
0.27
0.60
V
OUTA0 to 7
OUTB0 to 7
OUTC0 to 7
Driving Output Voltage 2
V
DO2
I
OUT = 20 mA
- - -
0.10
0.22
V
Driving Output Leakage Current
I
DOZ
V
OUT = 5 V
- - -
- - -
1.0
μA
Operating Current Consumption
I
DD
Total Output: I
OUT = 50 mA
- - -
3.2
5.3
mA
V
DD


Similar Part No. - W2RF002RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
W2RF004RM OMRON-W2RF004RM Datasheet
622Kb / 10P
Most Suitable IC for Controlling LED Effects within Applications
More results

Similar Description - W2RF002RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
W2RF004RM OMRON-W2RF004RM Datasheet
622Kb / 10P
Most Suitable IC for Controlling LED Effects within Applications
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
Most Suitable Constant Current IC for Driving Full Color LED
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
Suitable for most types of soldering processes
logo
KODENSHI_AUK CORP.
SG128 KODENSHI-SG128 Datasheet
142Kb / 3P
The most suitable detection distance
logo
Murata Manufacturing Co...
NTPA55R0LB1A0 MURATA-NTPA55R0LB1A0 Datasheet
196Kb / 3P
most suitable for power supplies of less than 100w
NTPA55R0LBMB0 MURATA-NTPA55R0LBMB0 Datasheet
196Kb / 3P
most suitable for power supplies of less than 100w
NTPA64R0LB1A0 MURATA-NTPA64R0LB1A0 Datasheet
199Kb / 3P
most suitable for power supplies of less than 100w
NTPA75R0LB1A0 MURATA-NTPA75R0LB1A0 Datasheet
199Kb / 3P
most suitable for power supplies of less than 100w
NTPA7220LB1A0 MURATA-NTPA7220LB1A0 Datasheet
195Kb / 3P
most suitable for power supplies of less than 100w
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
most suitable for power supplies of less than 100W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com