Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RF002RF Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # W2RF002RF
Description  Most Suitable IC for Controlling LED Effects within Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RF002RF Datasheet(HTML) 5 Page - Omron Electronics LLC

  W2RF002RF Datasheet HTML 1Page - Omron Electronics LLC W2RF002RF Datasheet HTML 2Page - Omron Electronics LLC W2RF002RF Datasheet HTML 3Page - Omron Electronics LLC W2RF002RF Datasheet HTML 4Page - Omron Electronics LLC W2RF002RF Datasheet HTML 5Page - Omron Electronics LLC W2RF002RF Datasheet HTML 6Page - Omron Electronics LLC W2RF002RF Datasheet HTML 7Page - Omron Electronics LLC W2RF002RF Datasheet HTML 8Page - Omron Electronics LLC W2RF002RF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LED Control IC
W2RF002RF
5
Control Data (7 bits)
The control signal, ‘ctrl’, activates the operational control shown in the following table.
• When ctrl = “0”, latch operation is activated, in which data is only stored in latch registers and will not be reflected in the output.
• When ctrl = “1”, load operation is activated, in which data is stored in the specified latch registers and the data of the latch registers in all
addresses will be stored in the load registers.
The output terminals in the following table are specified with the output address o_adr(5:0)
Control data ctrl_dat (6:0)
Control
Output Address
ctrl
o_adr(5)
o_adr(4)
o_adr(3)
o_adr(2)
o_adr(1)
o_adr(0)
Control
(ctrl)
Operational
Control
0
Latch
1
Load
Output Address
o_adr (5:0)
Output Terminal
(5) (4) (3) (2) (1) (0)
000
000
OUTA0
000
001
OUTA1
000
010
OUTA2
000
011
OUTA3
000
100
OUTA4
000
101
OUTA5
000
110
OUTA6
000
111
OUTA7
001
000
OUTB0
001
001
OUTB1
001
010
OUTB2
001
011
OUTB3
001
100
OUTB4
001
101
OUTB5
001
110
OUTB6
001
111
OUTB7
010
000
OUTC0
010
001
OUTC1
010
010
OUTC2
010
011
OUTC3
010
100
OUTC4
010
101
OUTC5
010
110
OUTC6
010
111
OUTC7
011
000
OUTA0, OUTA2, OUTA4, OUTA6
011
001
OUTA1, OUTA3, OUTA5, OUTA7
011
010
OUTB0, OUTB2, OUTB4, OUTB6
011
011
OUTB1, OUTB3, OUTB5, OUTB7
011
100
OUTC0, OUTC2, OUTC4, OUTC6
011
101
OUTC1, OUTC3, OUTC5, OUTC7
011
110
OUTA0, OUTA2, OUTA4, OUTA6
OUTB0, OUTB2, OUTB4, OUTB6
OUTC0, OUTC2, OUTC4, OUTC6
011
111
OUTA1, OUTA3, OUTA5, OUTA7
OUTB1, OUTB3, OUTB5, OUTB7
OUTC1, OUTC3, OUTC5, OUTC7
Output Address
o_adr (5:0)
Output Terminal
(5) (4) (3) (2) (1) (0)
1
0
0
0
0
0
OUTA0, OUTA1, OUTA4, OUTA5
1
0
0
0
0
1
OUTA2, OUTA3, OUTA6, OUTA7
1
0
0
0
1
0
OUTB0, OUTB1, OUTB4, OUTB5
1
0
0
0
1
1
OUTB2, OUTB3, OUTB6, OUTB7
1
0
0
1
0
0
OUTC0, OUTC1, OUTC4, OUTC5
1
0
0
1
0
1
OUTC2, OUTC3, OUTC6, OUTC7
1
001
10
OUTA0, OUTA1, OUTA4, OUTA5
OUTB0, OUTB1, OUTB4, OUTB5
OUTC0, OUTC1, OUTC4, OUTC5
1
001
11
OUTA2, OUTA3, OUTA6, OUTA7
OUTB2, OUTB3, OUTB6, OUTB7
OUTC2, OUTC3, OUTC6, OUTC7
1
0
1
0
0
0
OUTA0, OUTA1, OUTA2, OUTA3
1
0
1
0
0
1
OUTA4, OUTA5, OUTA6, OUTA7
1
0
1
0
1
0
OUTB0, OUTB1, OUTB2, OUTB3
1
0
1
0
1
1
OUTB4, OUTB5, OUTB6, OUTB7
1
0
1
1
0
0
OUTC0, OUTC1, OUTC2, OUTC3
1
0
1
1
0
1
OUTC4, OUTC5, OUTC6, OUTC7
1
011
10
OUTA0, OUTA1, OUTA2, OUTA3
OUTB0, OUTB1, OUTB2, OUTB3
OUTC0, OUTC1, OUTC2, OUTC3
1
011
11
OUTA4, OUTA5, OUTA6, OUTA7
OUTB4, OUTB5, OUTB6, OUTB7
OUTC4, OUTC5, OUTC6, OUTC7
1
100
00
OUTA0, OUTB0, OUTC0
1
100
01
OUTA1, OUTB1, OUTC1
1
100
10
OUTA2, OUTB2, OUTC2
1
100
11
OUTA3, OUTB3, OUTC3
1
101
00
OUTA4, OUTB4, OUTC4
1
101
01
OUTA5, OUTB5, OUTC5
1
101
10
OUTA6, OUTB6, OUTC6
1
101
11
OUTA7, OUTB7, OUTC7
1
110
00
(No terminal)
1
110
01
All OUTA
1
110
10
All OUTB
1
110
11
All OUTA, All OUTB
1
111
00
All OUTC
1
111
01
All OUTA, All OUTC
1
111
10
All OUTB, All OUTC
1
111
11
All OUTA, All OUTB, All OUTC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com