Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RF002RF Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # W2RF002RF
Description  Most Suitable IC for Controlling LED Effects within Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RF002RF Datasheet(HTML) 3 Page - Omron Electronics LLC

  W2RF002RF Datasheet HTML 1Page - Omron Electronics LLC W2RF002RF Datasheet HTML 2Page - Omron Electronics LLC W2RF002RF Datasheet HTML 3Page - Omron Electronics LLC W2RF002RF Datasheet HTML 4Page - Omron Electronics LLC W2RF002RF Datasheet HTML 5Page - Omron Electronics LLC W2RF002RF Datasheet HTML 6Page - Omron Electronics LLC W2RF002RF Datasheet HTML 7Page - Omron Electronics LLC W2RF002RF Datasheet HTML 8Page - Omron Electronics LLC W2RF002RF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LED Control IC
W2RF002RF
3
Terminal Designation
Note: 1. The RST terminal is connected to an internal 100 k
Ω pull-up resistor. When this terminal is not used, connect a 0.1 μF capacitor between
the terminal and ground to prevent misoperation at power-on.
2. Connect the CAP terminal to a capacitor for smoothing power supply. Connect a 0.1
μF capacitor between the terminal and GND.
3. The VZ1 and VZ2 terminals are for driving output protection. Connect them to the power source of a driving system. When several driving system
power supplies are used, connect the terminals to the highest potential among them. When these terminals are not used, leave them open.
4. Always leave the TST1 and TST2 terminals open.
5. Leave unused output terminals open.
Terminal Number
Terminal Name
Description
I/O
Logic
Function
1
SDA-I
Serial data input
I
CMOS, filter
2
SCL-I
Serial clock input
I
3
RST
Reset (See note 1)
I
L: Reset
CMOS, filter, pull-up
4
V
DD
Power source
P
5
CAP
Capacitor (See note 2)
- - -
6
GND
Ground
P
7
ADRA2
Device address A2
I
Refer to Operaton
section (See note 4)
CMOS
8
ADRA1
Device address A1
I
9
ADRA0
Device address A0
I
10
ADRB2
Device address B2
I
11
ADRB1
Device address B1
I
12
ADRB0
Device address B0
I
13
INV
Output inversion
I
14
GND
Ground
P
15
OUTA0
Output A0
O
N-ch open drain
16
OUTB0
Output B0
O
17
OUTC0
Output C0
O
18
OUTA1
Output A1
O
19
OUTB1
Output B1
O
20
OUTC1
Output C1
O
21
VZ1
Output protection 1(See note 3)
- - -
22
GND
Ground
P
23
OUTA2
Output A2
O
N-ch open drain
24
OUTB2
Output B2
O
25
OUTC2
Output C2
O
26
OUTA3
Output A3
O
27
OUTB3
Output B3
O
28
OUTC3
Output C3
O
29
GND
Ground
P
30
OUTA4
Output A4
O
N-ch open drain
31
OUTB4
Output B4
O
32
OUTC4
Output C4
O
33
OUTA5
Output A5
O
34
OUTB5
Output B5
O
35
OUTC5
Output C5
O
36
GND
Ground
P
37
VZ2
Output protection 2(See note 3)
- - -
38
OUTA6
Output A6
O
N-ch open drain
39
OUTB6
Output B6
O
40
OUTC6
Output C6
O
41
OUTA7
Output A7
O
42
OUTB7
Output B7
O
43
OUTC7
Output C7
O
44
GND
Ground
P
45
TST1
Not used (See note 4)
- - -
46
TST2
Not used (See note 4)
- - -
47
SDA-O
Serial data buffer output
O
CMOS
48
SCL-O
Serial clock buffer output
O



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com