Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RF002RF Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # W2RF002RF
Description  Most Suitable IC for Controlling LED Effects within Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RF002RF Datasheet(HTML) 2 Page - Omron Electronics LLC

  W2RF002RF Datasheet HTML 1Page - Omron Electronics LLC W2RF002RF Datasheet HTML 2Page - Omron Electronics LLC W2RF002RF Datasheet HTML 3Page - Omron Electronics LLC W2RF002RF Datasheet HTML 4Page - Omron Electronics LLC W2RF002RF Datasheet HTML 5Page - Omron Electronics LLC W2RF002RF Datasheet HTML 6Page - Omron Electronics LLC W2RF002RF Datasheet HTML 7Page - Omron Electronics LLC W2RF002RF Datasheet HTML 8Page - Omron Electronics LLC W2RF002RF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
LED Control IC
W2RF002RF
Timing Characteristics (Ta = 25
°C, V
DD = 5V)
Engineering Data
Block Diagram
Item
Symbol
Condition
Spec.
Unit
Applicable
terminal
Min.
Typ.
Max.
Driving Output PWM Cycle
T
PWM
- - -
3.88
4.00
4.12
ms
OUTA0 to 7
OUTB0 to 7
OUTC0 to 7
Communication Clock
Pulse Width
t
SCL
- - -
100
- - -
- - -
ns
SCL-I
Setup Time
t
SET
- - -
50
- - -
- - -
ns
SDA-I, SCL-I
Hold Time
t
HLD
- - -
50
- - -
- - -
ns
SCL-I
Valid
Fig. 1 Input timing waveforms
SDA-I
tSCL
tSCL
tSET
tHLD
OUTA0
OUTB0
OUTC0
Gradation
control
A0
Gradation
control
B0
Gradation
control
C0
Gradation
control
A1
Gradation
control
B1
Gradation
control
C1
Gradation
control
A7
Gradation
control
B7
Gradation
control
C7
Output
circuit
OUTA1
OUTB1
OUTC1
OUTA2
OUTB2
OUTC2
OUTA3
OUTB3
OUTC3
OUTA6
OUTB6
OUTC6
OUTA7
OUTB7
OUTC7
VZ1
VZ2
Register
Communi-
cation
circuit
Clock
division
circuit
System clock
Reset
Operational
control
Filter
Filter
Buffer
Buffer
Internal
oscillation
Filter
SDA-I
SCL-I
ADRA2
ADRA1
ADRA0
RST
GND
VDD
SDA-O
SCL-O
ADRB2
ADRB1
ADRB0
CAP
INV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com