Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA2139 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA2139
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2139 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA2139 Datasheet HTML 1Page - Sanyo Semicon Device ENA2139 Datasheet HTML 2Page - Sanyo Semicon Device ENA2139 Datasheet HTML 3Page - Sanyo Semicon Device ENA2139 Datasheet HTML 4Page - Sanyo Semicon Device ENA2139 Datasheet HTML 5Page - Sanyo Semicon Device ENA2139 Datasheet HTML 6Page - Sanyo Semicon Device ENA2139 Datasheet HTML 7Page - Sanyo Semicon Device ENA2139 Datasheet HTML 8Page - Sanyo Semicon Device ENA2139 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STK672-110-SL-E
No. A2139-2/11
Specifications
Absolute Maximum Ratings
at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +7.0
V
Output current
IOH max
10
μA 1 pulse (resistance load)
2.65
A
Repeated avalanche capacity
Ear max
28
mJ
Allowable power dissipation
Pd max
With an arbitrarily large heat sink. Per MOSFET
6.5
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges
at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 42
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
Pin 8, 9, 10, 11 and 12
0 to VDD
V
Output current 1
IOH1
Tc=105
°C, CLOCK≥200Hz
1.8
A
Output current 2
IOH2
Tc=80
°C, CLOCK≥200Hz,
See the motor current (IOH) derating curve
2.1
A
CLOCK frequency
fCL
Minimum pulse width: 20
μs
0 to 25
kHz
Phase driver withstand voltage
VDSS
ID=1mA (Tc=25°C)
100min
V
Electrical Characteristics
at Tc=25
°C, VCC=24V, VDD=5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
CLOCK=GND
2.6
6
mA
Output average current
Ioave
With R/L = 3
Ω/3.8mH in each phase
Vref = 0.176V
0.41
0.45
0.50
A
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
1.2
1.8
V
Output saturation voltage
Vsat
RL=23Ω
0.73
1.02
V
High-level input voltage
VIH
Pins 6 to 9 (4 pins)
4.0
V
Low-level input voltage
VIL
Pins 6 to 9 (4 pins)
1.0
V
Input current
IIL
With pins 6 to 9 at the ground level.
Pull-up resistance: 40k
Ω (typical)
62
125
250
μA
Vref input voltage
VrH
Pin 12
0
3.5
V
Vref input bias current
IIB
With pin 12 at 1V
50
500
nA
Notes: A fixed-voltage power supply must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com