Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA2139 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA2139
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2139 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button ENA2139 Datasheet HTML 2Page - Sanyo Semicon Device ENA2139 Datasheet HTML 3Page - Sanyo Semicon Device ENA2139 Datasheet HTML 4Page - Sanyo Semicon Device ENA2139 Datasheet HTML 5Page - Sanyo Semicon Device ENA2139 Datasheet HTML 6Page - Sanyo Semicon Device ENA2139 Datasheet HTML 7Page - Sanyo Semicon Device ENA2139 Datasheet HTML 8Page - Sanyo Semicon Device ENA2139 Datasheet HTML 9Page - Sanyo Semicon Device ENA2139 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK672-110-SL-E
No. A2139-6/11
Usage Notes
• 5V system input pins
[RESETB and CLOCK
〈〈Input signal timing when power is first applied〉〉]
As shown in the timing chart, a RESETB signal input is required by the driver to operate with the timing in which the
F1 gate is turned on first. The RESETB signal timing must be set up to have a width of at least 20μs, as shown below.
The capacitor CO4 and the resistor RO3 in the application circuit form simple reset circuit that uses the RC time
constant rising time. However, when designing the RESETB input based on CMOS levels, the application must have
the timing shown in figure 2.
Rise of the 5V supply voltage
RESETB signal input
CLOCK signal
At least 10
μs
At least 20
μs
Figure 2 RESETB and CLOCK Signals Input Timing
See the timing chart for details on the CLOCK, MODE, CWB, and other input pins.
[Vref
〈〈Motor current peak value setting〉〉]
In the sample application circuit, the peak value of the motor current (IOH) is set by RO1, RO2, and VDD (5V) as
described by the formula below.
Figure 3 Motor Current IO Flowing into the Driver IC
IOH = Vref÷Rs Here, Rs is hybrid IC internal current detection resistor
Vref = (RO2
÷ (RO1+RO2)) ×5V
STK672-110-SL-E: Rs = 0.22
Ω
• Allowable motor current operating range
The motor current (IOH) must be held within the range corresponding to the area under the curve shown in figure 1.
For example, if the operating substrate temperature Tc is 105
°C, then IOH must be held under IOH = 1.8A, and in
hold mode IOH must be held under IOH = 1.5A.
IOH
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com