Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA2139 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA2139
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2139 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA2139 Datasheet HTML 1Page - Sanyo Semicon Device ENA2139 Datasheet HTML 2Page - Sanyo Semicon Device ENA2139 Datasheet HTML 3Page - Sanyo Semicon Device ENA2139 Datasheet HTML 4Page - Sanyo Semicon Device ENA2139 Datasheet HTML 5Page - Sanyo Semicon Device ENA2139 Datasheet HTML 6Page - Sanyo Semicon Device ENA2139 Datasheet HTML 7Page - Sanyo Semicon Device ENA2139 Datasheet HTML 8Page - Sanyo Semicon Device ENA2139 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STK672-110-SL-E
No. A2139-4/11
Block Diagram
SP 11
F1
F2
F3
F4
+
-
+
-
Vref 12
RESETB 6
CWB 7
GND
SUB
RsB
C1
C2
VrefA
VrefB
RsA
R2
R1
1
CLOCK 9
MODE
A
8
VDD 10
5
AB
4
B
3
BB
2
Excitation mode
selection
Phase advance
counter
Off time
setting
Chopping circuit
Phase excitation
signal generation
Sample Application Circuit
CO3
10
μF
RESETB
5V
RO1
RO2
0.1
μF
CO1
Vref
RO3
5V
D1
CO4
+
+
+
10
μF
9
10
8
7
6
12
1
P.GND
Two-phase stepping motor
VCC
24V
2
3
4
5
A
AB
B
BB
GND
CO2
At least 100
μF
VDD=5V
11
CLOCK
MODE
CWB
STK672-110-SL-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com