Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA2139 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA2139
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2139 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA2139 Datasheet HTML 1Page - Sanyo Semicon Device ENA2139 Datasheet HTML 2Page - Sanyo Semicon Device ENA2139 Datasheet HTML 3Page - Sanyo Semicon Device ENA2139 Datasheet HTML 4Page - Sanyo Semicon Device ENA2139 Datasheet HTML 5Page - Sanyo Semicon Device ENA2139 Datasheet HTML 6Page - Sanyo Semicon Device ENA2139 Datasheet HTML 7Page - Sanyo Semicon Device ENA2139 Datasheet HTML 8Page - Sanyo Semicon Device ENA2139 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STK672-110-SL-E
No. A2139-3/11
Package Dimensions
unit:mm (typ)
Figure 1 Derating Curve of Motor Current, IOH, vs. STK672-110-SL-E Operating Substrate Temperature, Tc
0
2.0
2.2
2.65
2.5
0.5
1.0
1.5
1.8
3.0
060
80
100 105
40
20
120
IOH -- Tc
Operating substrate temperature, Tc --
°C
VCC=24V
Motor: R=0.4
Ω
L=1.2mH
Operating region when fCL≥200Hz
Operating region in hold mode
1.5
Notes
• The current range given above represents conditions when output voltage is not in the avalanche state.
• Tc must measure surface metal temperature on rear side center of this device.
11 2=22
0.5
7.4
5.2
32.5
8.5
2.0
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com