Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX554 Datasheet(PDF) 13 Page - Sony Corporation

Part # ILX554
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554 Datasheet(HTML) 13 Page - Sony Corporation

Back Button ILX554 Datasheet HTML 5Page - Sony Corporation ILX554 Datasheet HTML 6Page - Sony Corporation ILX554 Datasheet HTML 7Page - Sony Corporation ILX554 Datasheet HTML 8Page - Sony Corporation ILX554 Datasheet HTML 9Page - Sony Corporation ILX554 Datasheet HTML 10Page - Sony Corporation ILX554 Datasheet HTML 11Page - Sony Corporation ILX554 Datasheet HTML 12Page - Sony Corporation ILX554 Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
1. The height from the bottom to the sensor surface is 2.45 ± 0.3mm.
2. The thickness of the cover glass is 0.7mm, and the refractive index is 1.5.
V
H
6.46 ± 0.5
22
28.672 (14µm X 2048Pixels)
41.6 ± 0.5
1
11
12
No.1 Pixel
2.54
0.51
0.3
22 pin DIP (400mil)
M
Cer-DIP
TIN PLATING
42 ALLOY
5.20g
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
DRAWING NUMBER
LS-A20(E)
Package Outline
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com