Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX554 Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX554
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554 Datasheet(HTML) 2 Page - Sony Corporation

  ILX554 Datasheet HTML 1Page - Sony Corporation ILX554 Datasheet HTML 2Page - Sony Corporation ILX554 Datasheet HTML 3Page - Sony Corporation ILX554 Datasheet HTML 4Page - Sony Corporation ILX554 Datasheet HTML 5Page - Sony Corporation ILX554 Datasheet HTML 6Page - Sony Corporation ILX554 Datasheet HTML 7Page - Sony Corporation ILX554 Datasheet HTML 8Page - Sony Corporation ILX554 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
– 2 –
ILX554A
Pin Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
VOUT
NC
NC
SHSW
φCLK
NC
NC
NC
NC
NC
φROG
Signal output
NC
NC
Switch (with S/H or without S/H)
Clock pulse input
NC
NC
NC
NC
NC
Readout gate pulse input
Pin No.
Symbol
Description
12
13
14
15
16
17
18
19
20
21
22
NC
NC
NC
NC
NC
NC
NC
GND
VDD
NC
NC
NC
NC
NC
NC
NC
NC
NC
GND
5V power supply
NC
NC
Mode Description
Mode in use
Pin 4 (SHSW)
With S/H
Without S/H
GND
VDD
Item
Min.
Input capacity of
φCLK
Input capacity of
φROG
—
—
Typ.
10
10
Max.
—
—
Unit
pF
pF
Clock Characteristics
Symbol
C
φCLK
C
φROG
Item
Min.
VIH
VIL
4.5
0
Typ.
5.0
—
Max.
VDD
0.5
Unit
V
V
Input Clock voltage Condition∗
∗∗∗∗1
∗1 This is applied to the all pulses applied externally. (φCLK, φROG)
Item
Min.
VDD
4.5
Typ.
5.0
Max.
5.5
Unit
V
Recommended Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com