Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX554 Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX554
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554 Datasheet(HTML) 1 Page - Sony Corporation

  ILX554 Datasheet HTML 1Page - Sony Corporation ILX554 Datasheet HTML 2Page - Sony Corporation ILX554 Datasheet HTML 3Page - Sony Corporation ILX554 Datasheet HTML 4Page - Sony Corporation ILX554 Datasheet HTML 5Page - Sony Corporation ILX554 Datasheet HTML 6Page - Sony Corporation ILX554 Datasheet HTML 7Page - Sony Corporation ILX554 Datasheet HTML 8Page - Sony Corporation ILX554 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
– 1 –
E00818-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX554A
22 pin DIP (Cer-DIP)
2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
VOUT
NC
NC
SHSW
φCLK
NC
NC
NC
NC
NC
φROG
NC
NC
VDD
GND
NC
NC
NC
NC
NC
NC
NC
1
2048
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
Description
The ILX554A is a rectangular reduction type CCD
linear image sensor designed for bar code POS
hand scanner and optical measuring equipment use.
A built-in timing generator and clock-drivers ensure
single 5V power supply for easy use.
Features
• Number of effective pixels:
2048 pixels
• Pixel size:
14µm
× 56µm
(14µm pitch)
• Single 5V power supply
• Ultra-high sensitivity
• Built-in timing generator and clock-drivers
• Built-in sample-and-hold circuit
• Maximum clock frequency:
2MHz
Absolute Maximum Ratings
• Supply voltage
VDD
6V
• Operating temperature
–10 to +60
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
Block Diagram
For the availability of this product, please contact the sales office.


Similar Part No. - ILX554

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX554B SONY-ILX554B Datasheet
106Kb / 13P
2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
More results

Similar Description - ILX554

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
5150-pixel CCD Linear Sensor (B/W)
ILX703A SONY-ILX703A Datasheet
225Kb / 19P
2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX554B SONY-ILX554B Datasheet
106Kb / 13P
2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com