Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX554 Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX554
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX554 Datasheet HTML 5Page - Sony Corporation ILX554 Datasheet HTML 6Page - Sony Corporation ILX554 Datasheet HTML 7Page - Sony Corporation ILX554 Datasheet HTML 8Page - Sony Corporation ILX554 Datasheet HTML 9Page - Sony Corporation ILX554 Datasheet HTML 10Page - Sony Corporation ILX554 Datasheet HTML 11Page - Sony Corporation ILX554 Datasheet HTML 12Page - Sony Corporation ILX554 Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
– 11 –
ILX554A
Upper ceramic layer
39N
Lower ceramic layer
Low-melting glass
(1)
29N
(3)
0.9Nm
(4)
29N
(2)
Notes on Handling
1) Static charge prevention
CCD image sensors are easily damaged by static discharge. Before handling, be sure to take the following
protective measures.
a) Either handle bare handed or use non-chargeable gloves, clothes or material. Also use conductive
shoes.
b) When handling directly use an eath band.
c) Install a conductive mat on the floor or working table to prevent the generation of static electricity.
d) lonized air is recommended for discharge when handling CCD image sensors.
e) For the shipment of mounted substrates use cartons treated for the prevention of static charges.
2) Notes on handling CCD Cer-DIP package
The following points should be observed when handling and installing this package.
a) (1) Compressive strength: 39N/surface
(Do not apply any load more than 0.7mm inside the outer perimeter of the glass portion.)
(2) Shearing strength:
29N/surface
(3) Tensile strength:
29N/surface
(4) Torsional strength:
0.9Nm
b) In addition, if a load is applied to the entire surface by a hard component, bending stress may be
generated and the package may fracture, etc., depending on the flatness of the ceramic portion.
Therefore, for installation, either use an elastic load, such as a spring plate, or an adhesive.
c) Be aware that any of the following can cause the glass to crack because the upper and lower ceramic
layers are shielded by low-melting glass.
(1) Applying repetitive bending stress to the external leads.
(2) Applying heat to the external leads for an extended period of time with a soldering iron.
(3) Rapid cooling or heating.
(4) Applying a load or impact to a limited portion of the low-melting glass with a small-tipped tool such
as tweezers.
(5) Prying the upper or lower ceramic layers away at a support point of the low-melting glass.
Note that the preceding notes should also be observed when removing a component from a board after
it has already been soldered.
3) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Solder dipping in a mounting furnace causes demage to the glass abd other defects. Use a grounded
30W soldering iron and solder each pin in less than 2 seconds. For repairs and remount, cool
sufficiently.
c) To dismount image sensors, do not use a solder suction equipment. When using an electric desoldering
tool, ground the controller. For the control system, use a zero cross type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com