Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX032 Datasheet(PDF) 22 Page - Sony Corporation

Part # LCX032
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032 Datasheet(HTML) 22 Page - Sony Corporation

Back Button LCX032 Datasheet HTML 15Page - Sony Corporation LCX032 Datasheet HTML 16Page - Sony Corporation LCX032 Datasheet HTML 17Page - Sony Corporation LCX032 Datasheet HTML 18Page - Sony Corporation LCX032 Datasheet HTML 19Page - Sony Corporation LCX032 Datasheet HTML 20Page - Sony Corporation LCX032 Datasheet HTML 21Page - Sony Corporation LCX032 Datasheet HTML 22Page - Sony Corporation LCX032 Datasheet HTML 23Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
– 22 –
LCX032AKB
Notes on Handling
(1) Static charge prevention
Be sure to take following protective measures. TFT-LCD panels are easily damaged by static charge.
a) Use non-chargeable gloves, or simply use bare hands.
b) Use an earth-band when handling.
c) Do not touch any electrodes of a panel.
d) Wear non-chargeable clothes and conductive shoes.
e) Install conductive mat on the working floor and working table.
f)
Keep panels away from any charged materials.
g) Use ionized air to discharge the panels.
(2) Protection from dust and dirt
a) Operate in clean environment.
b) When delivered, a surface of a panel (Polarizer) is covered by a protective sheet. Peel off the
protective sheet carefully not to damage the panel.
c) Do not touch the surface of a panel. The surface is easily scratched. When cleaning, use a clean-room
wiper with isopropyl alcohol. Be careful not to leave stain on the surface.
d) Use ionized air to blow off dust at a panel.
(3) Other handling precautions
a) Do not twist or bend the flexible PC board especially at the connecting region because the board is
easily deformed.
b) Do not drop a panel.
c) Do not twist or bend a panel or a panel frame.
d) Keep a panel away from heat source.
e) Do not dampen a panel with water or other solvents.
f)
Avoid to store or to use a panel in a high temperature or in a high humidity, which may result in panel
damages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com