Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX032 Datasheet(PDF) 4 Page - Sony Corporation

Part # LCX032
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032 Datasheet(HTML) 4 Page - Sony Corporation

  LCX032 Datasheet HTML 1Page - Sony Corporation LCX032 Datasheet HTML 2Page - Sony Corporation LCX032 Datasheet HTML 3Page - Sony Corporation LCX032 Datasheet HTML 4Page - Sony Corporation LCX032 Datasheet HTML 5Page - Sony Corporation LCX032 Datasheet HTML 6Page - Sony Corporation LCX032 Datasheet HTML 7Page - Sony Corporation LCX032 Datasheet HTML 8Page - Sony Corporation LCX032 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
– 4 –
LCX032AKB
Input Equivalent Circuit
To prevent static charges, protective diodes are provided for each pin except the power supply. In addition,
protective resistors are added to all pins except video signal input. All pins are connected to Vss with a high
resistance of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (The resistor value: typ.)
(1) Video signal input
Input
VDD
From H driver
Signal line
1M
Ω
(2) HCK1, HCK2
VDD
250
Ω
250
Ω
250
Ω
250
Ω
Level conversion
circuit (2-phase
input)
HCK1
HCK2
1M
Ω
1M
Ω
(3) HST
Level conversion
circuit (single-
phase input)
250
Ω
250
Ω
VDD
Input
1M
Ω
(4) RGT, VST, EN, VCK, DWN, STB
Level conversion
circuit (single-
phase input)
2.5k
Ω
2.5k
Ω
VDD
Input
1M
Ω
(6) COM
Input
1M
Ω
LC
VDD
Level conversion
circuit (single-
phase input)
2.5k
Ω
2.5k
Ω
VDD
Input
1M
Ω
28k
Ω
(5) BLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com