Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX032 Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX032
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032 Datasheet(HTML) 1 Page - Sony Corporation

  LCX032 Datasheet HTML 1Page - Sony Corporation LCX032 Datasheet HTML 2Page - Sony Corporation LCX032 Datasheet HTML 3Page - Sony Corporation LCX032 Datasheet HTML 4Page - Sony Corporation LCX032 Datasheet HTML 5Page - Sony Corporation LCX032 Datasheet HTML 6Page - Sony Corporation LCX032 Datasheet HTML 7Page - Sony Corporation LCX032 Datasheet HTML 8Page - Sony Corporation LCX032 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
– 1 –
E99407A03
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
Description
The LCX032AKB is a 1.1cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with built-in peripheral
driving
circuit.
This
panel
provides
full-color
representation in NTSC/PAL mode. RGB dots are
arranged in a delta pattern featuring high picture
quality of no fixed color patterns, which is inherent in
vertical stripes and mosaic pattern arrangements.
Features
• The number of active dots: 113,578 (0.44 Type; 1.115cm in diagonal)
• Horizontal resolution: 260 TV lines
• High optical transmittance: 4.8% (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, TTL drive possible)
• High quality picture representation with RGB delta arranged color filters
• Full-color representation
• NTSC/PAL compatible
• Up/down and/or right/left inverse display function
• 4:3 and 16:9 aspect switching function
• Power save mode (Through current reduction by stop of level shifter and scanner during power supply cutoff)
Element Structure
• Dots
Total dots : 537 (H)
× 222 (V) = 119,214
Active dots: 521 (H)
× 218 (V) = 113,578
• Built-in peripheral driver using polycrystalline silicon super thin film transistors.
Applications
• Viewfinders
• Super compact liquid crystal monitors etc.
LCX032AKB


Similar Part No. - LCX032

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX032 SONY-LCX032 Datasheet
279Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
More results

Similar Description - LCX032

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com