Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX032 Datasheet(PDF) 7 Page - Sony Corporation

Part # LCX032
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032 Datasheet(HTML) 7 Page - Sony Corporation

Back Button LCX032 Datasheet HTML 3Page - Sony Corporation LCX032 Datasheet HTML 4Page - Sony Corporation LCX032 Datasheet HTML 5Page - Sony Corporation LCX032 Datasheet HTML 6Page - Sony Corporation LCX032 Datasheet HTML 7Page - Sony Corporation LCX032 Datasheet HTML 8Page - Sony Corporation LCX032 Datasheet HTML 9Page - Sony Corporation LCX032 Datasheet HTML 10Page - Sony Corporation LCX032 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
– 7 –
LCX032AKB
Hst rise time
Hst fall time
Hst data set-up time
Hst data hold time
Hckn∗2 rise time
Hckn∗2 fall time
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
Vst rise time
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
En rise time
En fall time
Vck fall to En fall time
Vck rise to En rise time
BLK rise time
BLK fall time
BLK pulse width
BLK fall to CLR fall time
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEn
tfEn
tdVck2
tdVck1
trBlk
tfBlk
twBlk
toClr
–170
–455
–15
–15
–50
–50
–100
–100
600
135
–135
0
0
32
–32
0
0
1.0
700
30
30
170
–50
30
30
15
15
100
100
50
–20
100
100
100
100
100
100
100
100
800
ns
µs
ns
ms
ns
Item
Symbol
Min.
Typ.
Max.
Unit
HST
HCK
VST
VCK
EN
BLK∗3
∗2 Hckn means Hck1, Hck2. (fHckn = 1.84MHz, fVckn = 7.865kHz)
∗3 BLK pulse is used only for 16:9 mode. For 4:3 mode, connect to V
SS
.
2. Clock timing conditions (Ta = 25°C, Input voltage = 3.0V, VDD = 12.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com