Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX038ART Datasheet(PDF) 13 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 13 Page - Sony Corporation

Back Button LCX038ART Datasheet HTML 9Page - Sony Corporation LCX038ART Datasheet HTML 10Page - Sony Corporation LCX038ART Datasheet HTML 11Page - Sony Corporation LCX038ART Datasheet HTML 12Page - Sony Corporation LCX038ART Datasheet HTML 13Page - Sony Corporation LCX038ART Datasheet HTML 14Page - Sony Corporation LCX038ART Datasheet HTML 15Page - Sony Corporation LCX038ART Datasheet HTML 16Page - Sony Corporation LCX038ART Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
– 13 –
LCX038ART
<Electro-optical Characteristics Measurement>
• Measurement system I
• Measurement system II
Light Detector
Measurement
Equipment
Optical fiber
LCD panel
Light receptor lens
Drive Circuit
Light
Source
Basic measurement conditions
(1) Driving voltage
HVDD = 13.5V, VVDD = 15.5V
VVC = 7.5V, Vcom = 7.1V
(2) Measurement temperature
25°C unless otherwise specified.
(3) Measurement point
One point in the center of the screen unless otherwise specified.
(4) Measurement systems
Two types of measurement systems are used as shown below.
(5) Video input signal voltage (Vsig)
Vsig = 7.5
± VAC [V]
(VAC = signal amplitude)
Projection size: 101.6cm (40 in)
Projection lens: F1.7
Light source: 120W UHP lamp
Incidence illumination system: F#2.5
Polarzer: Side of incidence light-Polatechno's SHC-128U
Side of output light-Polatechno's SKN-18243
LCD Projector
Approx. 2000mm
1. Contrast Ratio
Contrast Ratio (CR) is given by the following formula (1).
CR =
L (White)
... (1)
L (Black)
L (White): Surface luminance of the center of the screen at the input signal amplitude VAC = 0.5V.
L (Black): Surface luminance of the center of the screen at VAC = 5.0V.
Both luminosities are measured by System I.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com