Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX038ART Datasheet(PDF) 9 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 9 Page - Sony Corporation

Back Button LCX038ART Datasheet HTML 5Page - Sony Corporation LCX038ART Datasheet HTML 6Page - Sony Corporation LCX038ART Datasheet HTML 7Page - Sony Corporation LCX038ART Datasheet HTML 8Page - Sony Corporation LCX038ART Datasheet HTML 9Page - Sony Corporation LCX038ART Datasheet HTML 10Page - Sony Corporation LCX038ART Datasheet HTML 11Page - Sony Corporation LCX038ART Datasheet HTML 12Page - Sony Corporation LCX038ART Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
– 9 –
LCX038ART
<Vertical Shift Register Driving Waveform>
VCK
ENB
Vck rise time
Vck fall time
Enb rise time
Enb fall time
Horizontal video period
completed to Enb fall time
trVck
tfVck
trEnb
tfEnb
tdEnb
Enb rise to PRG∗4 fall time
Enb fall to Pcg rise time
toPRG∗4
toPcg
Enb pulse width
twEnb
Item
Symbol
Waveform
Conditions
Vck
10%
10%
90%
90%
trVck
tfVck
90%
90%
10%
10%
tfEnb
trEnb
Enb
50%
50%
toPRG∗4
Enb
∗7
50%
PRG∗4
H. Blanking period
H. Video period
tdEnb
PCG
50%
toPcg
50%
twEnb
Vst rise time
VST
Vst fall time
Vst data set-up time
Vst data hold time
trVst
tfVst
tdVst
thVst
90%
10%
10%
90%
Vst
trVst
tfVst
50%
50%
∗7
Vst
Vck
tdVst
thVst
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com