Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX038ART Datasheet(PDF) 4 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 4 Page - Sony Corporation

  LCX038ART Datasheet HTML 1Page - Sony Corporation LCX038ART Datasheet HTML 2Page - Sony Corporation LCX038ART Datasheet HTML 3Page - Sony Corporation LCX038ART Datasheet HTML 4Page - Sony Corporation LCX038ART Datasheet HTML 5Page - Sony Corporation LCX038ART Datasheet HTML 6Page - Sony Corporation LCX038ART Datasheet HTML 7Page - Sony Corporation LCX038ART Datasheet HTML 8Page - Sony Corporation LCX038ART Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
– 4 –
LCX038ART
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PSIG
VSSGR
VSIG1
VSIG2
VSIG3
VSIG4
VSIG5
VSIG6
VSIG7
VSIG8
VSIG9
VSIG10
VSIG11
VSIG12
HVDD
RGT
HST
HCK2
HCK1
VSS
VSSGL
BLK
ENB
VCK
VST
DWN
HB
VB
PCG
VVDD
COM
TEST
Symbol
Description
Uniformity improvement signal
GND for right V gate
Video signal 1 to panel
Video signal 2 to panel
Video signal 3 to panel
Video signal 4 to panel
Video signal 5 to panel
Video signal 6 to panel
Video signal 7 to panel
Video signal 8 to panel
Video signal 9 to panel
Video signal 10 to panel
Video signal 11 to panel
Video signal 12 to panel
Power supply for H driver
Drive direction pulse for H shift register (H: normal, L: reverse)
Start pulse for H shift register drive
Clock pulse for H shift register drive 2
Clock pulse for H shift register drive 1
GND (H, V drivers)
GND for left V gate
Input for PC98 mode
Enable pulse for gate selection
Clock pulse for V shift register drive
Start pulse for V shift register drive
Drive direction pulse for V shift register (H: normal, L: reverse)
Display switch for S-XGA
Display switch for PC98 mode
Improvement pulse for uniformity
Power supply for V driver
Common voltage of panel
Test pin, leave this pin open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com