Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX038ART Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 5 Page - Sony Corporation

  LCX038ART Datasheet HTML 1Page - Sony Corporation LCX038ART Datasheet HTML 2Page - Sony Corporation LCX038ART Datasheet HTML 3Page - Sony Corporation LCX038ART Datasheet HTML 4Page - Sony Corporation LCX038ART Datasheet HTML 5Page - Sony Corporation LCX038ART Datasheet HTML 6Page - Sony Corporation LCX038ART Datasheet HTML 7Page - Sony Corporation LCX038ART Datasheet HTML 8Page - Sony Corporation LCX038ART Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
– 5 –
LCX038ART
Input Equivalent Circuit
To prevent static charges, protective diodes are provided for each pin except the power supplies. In addition,
protective resistors are added to all pins except the video signal inputs. All pins are connected to VSS with a
high resistor of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (Resistance value: typ.)
(1) VSIG1 to VSIG12, PSIG
HVDD
250
Ω
250
Ω
250
Ω
250
Ω
Input
1M
Ω
1M
Ω
Level conversion circuit
(2-phase input)
2.5k
Ω
2.5k
Ω
HVDD
Input
1M
Ω
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
HVDD
Input
1M
Ω
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
VVDD
Input
1M
Ω
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
VVDD
Input
1M
Ω
Level conversion circuit
(single-phase input)
Input
LC
VVDD
1M
Ω
(2) HCK1, HCK2
(3) RGT
(4) HST
(5) PCG, VCK
(6) VST, BLK, ENB, HB, VB, DWN
(7) COM
Input
HVDD
Signal line
1M
Ω
are all Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com