Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9136 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9136
Description  Rail-to-Rail Quad Unity-Gain Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9136 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9136 Datasheet HTML 1Page - Richtek Technology Corporation RT9136 Datasheet HTML 2Page - Richtek Technology Corporation RT9136 Datasheet HTML 3Page - Richtek Technology Corporation RT9136 Datasheet HTML 4Page - Richtek Technology Corporation RT9136 Datasheet HTML 5Page - Richtek Technology Corporation RT9136 Datasheet HTML 6Page - Richtek Technology Corporation RT9136 Datasheet HTML 7Page - Richtek Technology Corporation RT9136 Datasheet HTML 8Page - Richtek Technology Corporation RT9136 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9136
4
DS9136-03 June 2011
www.richtek.com
(VS+ = 2.5V, VS
− = −2.5V, RL = 10kΩ and CL = 10pF, TA =25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Characteristics
Input Offset Voltage
VOS
VCM = 0V
--
2
15
mV
Average Offset Voltage Drift
ΔVOS/ΔT −40°C≦TA≦85°C
--
5
--
μV/°C
Input Bias Current
IB
VCM = 0V
--
2
50
nA
Input Impedance
RIN
--
1
--
G
Ω
Input Capacitance
CIN
--
1.35
--
pF
Open-Loop Gain
AVOL
0.5V≦VOUT≦+4.5V
75
95
--
dB
Output Characteristics
Output swing Low
VOL
IL = -5mA
--
−2.42 −2.35
V
Output swing High
VOH
IL = 5mA
2.35
2.42
--
V
Short Circuit Current
ISCC
--
±90
--
mA
Power Supply
Power Supply Rejection Ratio
PSRR
VS is moved from ±2.25V to ±7.75V
50
70
--
dB
Supply Current/Amplifier
ISY
No Load
--
500
750
μA
Dynamic Performance
Slew Rate
(Note 6)
SR
−4V≦VOUT≦4V, 20% to 80%
--
12
--
V/
μs
Setting to ±0.1% (AV = 1)
tS
(AV = 1), VOUT = 2V step
--
500
--
ns
−3dB Bandwidth
BW
RL = 10kΩ, CL =10 pF
--
12
--
MHz
Channel Separation
CS
f = 5MHz
--
75
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com