Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9136 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9136
Description  Rail-to-Rail Quad Unity-Gain Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9136 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9136 Datasheet HTML 1Page - Richtek Technology Corporation RT9136 Datasheet HTML 2Page - Richtek Technology Corporation RT9136 Datasheet HTML 3Page - Richtek Technology Corporation RT9136 Datasheet HTML 4Page - Richtek Technology Corporation RT9136 Datasheet HTML 5Page - Richtek Technology Corporation RT9136 Datasheet HTML 6Page - Richtek Technology Corporation RT9136 Datasheet HTML 7Page - Richtek Technology Corporation RT9136 Datasheet HTML 8Page - Richtek Technology Corporation RT9136 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9136
1
DS9136-03 June 2011
www.richtek.com
Features
Rail-to-Rail Output Swing
Unity gain buffer
Supply Voltage : 4.5V to 16.5V
Continuous Output Current : 35mA
Peak Output Current : 120mA
High Slew Rate : 12V/
μμμμμs
RoHS Compliant and 100% Lead (Pb)-Free
Applications
TFT-LCDGamma / VCOM Buffer
Portable Electronic Product
Communications Product
Rail-to-Rail Quad Unity-Gain Operational Amplifier
Ordering Information
General Description
The RT9136 consists of low cost, high slew rates, single-
supply rail-to-rail input and output operation amplifiers.
The RT9136 contains four amplifiers in one package.
Operating on supplies ranging from 4.5V to 16.5V, while
consuming only 500
μA per channel, the RT9136 has high
slew rates (12V/
μs), 35mA continuous output current,
120mA peak output current and offset voltage below 10mV.
The RT9136 is ideal for Thin Film Transistor Liquid Crystal
Displays (TFT-LCD). GAMMA Buffer or repair circuit.
The RT9136 is available in MSOP-10 package and is
specified for operation over the full
−40°C to 85°C
temperature range.
Pin Configurations
(TOP VIEW)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
MSOP-10
VOUTD
VINC
VOUTA
VINB
VS+
VIND
VS-
VOUTB
VOUTC
VINA
5
6
7
8
4
3
2
10
9
Marking Information
AB=YM
DNN
AB= : Product Code
YMDNN : Date Code
RT9136GF
AB YM
DNN
AB : Product Code
YMDNN : Date Code
RT9136ZF
AB-YM
DNN
AB- : Product Code
YMDNN : Date Code
RT9136PF
RT9136
Package Type
F : MSOP-10
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT9136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9133AGB RICHTEK-RT9133AGB Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9136

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com