Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9136 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9136
Description  Rail-to-Rail Quad Unity-Gain Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9136 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9136 Datasheet HTML 1Page - Richtek Technology Corporation RT9136 Datasheet HTML 2Page - Richtek Technology Corporation RT9136 Datasheet HTML 3Page - Richtek Technology Corporation RT9136 Datasheet HTML 4Page - Richtek Technology Corporation RT9136 Datasheet HTML 5Page - Richtek Technology Corporation RT9136 Datasheet HTML 6Page - Richtek Technology Corporation RT9136 Datasheet HTML 7Page - Richtek Technology Corporation RT9136 Datasheet HTML 8Page - Richtek Technology Corporation RT9136 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9136
3
DS9136-03 June 2011
www.richtek.com
Electrical Characteristics
(VS+ = 5V, VS- =
−5V, RL = 10kΩ and CL = 10pF, TA =25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Characteristics
Input Offset Voltage
VOS
VCM = 0
--
2
15
mV
Average Offset Voltage Drift
ΔVOS/ΔT −40°C≦TA≦85°C
--
5
--
μV/°C
Input Bias Current
IB
VCM = 0
--
2
50
nA
Input Impedance
RIN
--
1
--
G
Ω
Input Capacitance
CIN
--
1.35
--
pF
Open-Loop Gain
AVOL
−4.5V≦VOUT≦4.5V
75
95
--
dB
Output Characteristics
Output swing Low
VOL
IL = −5mA
--
−4.92 −4.85
V
Output swing High
VOH
IL = 5mA
4.85
4.92
--
V
Short Circuit current
ISCC
--
±120
--
mA
Power Supply
Supply Voltage
(Note 5)
VS
4.5
--
16.5
V
Power Supply Rejection Ratio
PSRR
VS is moved from ±2.25V to ±7.75V
60
70
--
dB
Supply Current/Amplifier
ISY
No Load
--
500
750
μA
Dynamic Performance
Slew Rate
(Note 6)
SR
−4V≦VOUT≦4V, 20% to 80%
--
12
--
V/
μs
Setting to ±0.1% (AV = 1)
tS
(AV = 1), VOUT = 2V step
--
500
--
ns
−3dB Bandwidth
BW
RL = 10kΩ, CL = 10 pF
--
12
--
MHz
Channel Separation
CS
f = 5MHz
--
75
--
dB
Absolute Maximum Ratings (Note 1)
Supply Voltage between VS+ and VS- -------------------------------------------------------------------------- 18V
Input Voltage ----------------------------------------------------------------------------------------------------------
−0.5V to Vs+0.5V
Differential Input Voltage-------------------------------------------------------------------------------------------- VS
Power Dissipation, PD @ TA = 25
°C
MSOP-10 -------------------------------------------------------------------------------------------------------------- 833mW
Package Thermal Resistance (Note 2)
MSOP-10,
θJA -------------------------------------------------------------------------------------------------------- 120°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Junction Temperature----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to +150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com