Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9136 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9136
Description  Rail-to-Rail Quad Unity-Gain Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9136 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9136 Datasheet HTML 1Page - Richtek Technology Corporation RT9136 Datasheet HTML 2Page - Richtek Technology Corporation RT9136 Datasheet HTML 3Page - Richtek Technology Corporation RT9136 Datasheet HTML 4Page - Richtek Technology Corporation RT9136 Datasheet HTML 5Page - Richtek Technology Corporation RT9136 Datasheet HTML 6Page - Richtek Technology Corporation RT9136 Datasheet HTML 7Page - Richtek Technology Corporation RT9136 Datasheet HTML 8Page - Richtek Technology Corporation RT9136 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9136
5
DS9136-03 June 2011
www.richtek.com
(VS+ = 7.5V, VS- =
−7.5V, RL = 10kΩ and CL = 10pF, TA =25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Characteristics
Input Offset Voltage
VOS
VCM = 0V
--
2
21
mV
Average Offset Voltage Drift
ΔVOS/ΔT −40°C≦TA≦85°C
--
5
--
μV/°C
Input Bias Current
IB
VCM = 0V
--
2
50
nA
Input Impedance
RIN
--
1
--
G
Ω
Input Capacitance
CIN
--
1.35
--
pF
Open-Loop Gain
AVOL
0.5V≦VOUT≦4.5V
75
95
--
dB
Output Characteristics
Output swing Low
VOL
IL = -5mA
--
−4.92 −4.85
V
Output swing High
VOH
IL = 5mA
4.85
4.92
--
V
Short Circuit Current
ISCC
--
±150
--
mA
Power Supply
Power Supply Rejection Ratio
PSRR
VS is moved from ±2.25V to ±7.75V
50
70
--
dB
Supply Current/Amplifier
ISY
No Load
--
500
850
μA
Dynamic Performance
Slew Rate
(Note 6)
SR
−4V≦VOUT≦4V, 20% to 80%
--
20
--
V/
μs
Setting to ±0.1% (AV = 1)
tS
(AV = 1), VOUT = 2V step
--
500
--
ns
−3dB Bandwidth
BW
RL = 10kΩ, CL =10 pF
--
12
--
MHz
Channel Separation
CS
f = 5MHz
--
75
--
dB
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board (4-Layers,
2S2P) of JEDEC 51-7 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
16.5V is the correct allowable aging voltage; however, full electrical characteristics are specified with a single nominal
supply voltage from 5V to 15V or a split supply with its total range from 5V to 15V.
Note 6.
Slew rate is measured on rising and falling edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com