Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9945 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9945
Description  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9945 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9945 Datasheet HTML 9Page - Richtek Technology Corporation RT9945 Datasheet HTML 10Page - Richtek Technology Corporation RT9945 Datasheet HTML 11Page - Richtek Technology Corporation RT9945 Datasheet HTML 12Page - Richtek Technology Corporation RT9945 Datasheet HTML 13Page - Richtek Technology Corporation RT9945 Datasheet HTML 14Page - Richtek Technology Corporation RT9945 Datasheet HTML 15Page - Richtek Technology Corporation RT9945 Datasheet HTML 16Page - Richtek Technology Corporation RT9945 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
RT9945
13
DS9945-01 April 2011
www.richtek.com
Typical Operating Characteristics
Buck1 Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
VBATT = 3.3V
VBATT = 3.7V
VBATT = 4.2V
VBuck1 = 1.8V
Buck2 Output Voltage vs. Output Current
1.31
1.32
1.33
1.34
1.35
1.36
1.37
1.38
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Output Current (A)
VBATT = 3.6V
VBuck2 = 1.35V
VBATT = 4V
Buck2 Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
VBATT = 3.3V
VBATT = 3.7V
VBATT = 4.2V
VBuck2 = 1.35V
VBATT = 4V
VBuck2, VLDO2 Power On from PWR_EN
Time (50
μs/Div)
VLDO2
(1V/Div)
VBuck2
(1V/Div)
PWR_EN
(1V/Div)
Buck1 Output Voltage vs. Output Current
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Output Current (A)
VBATT = 3.6V
VBuck1 = 1.8V
VBATT = 4V
VBATT = 4V
VBuck1, VLDO1, VLDO2 Power On
Time (50
μs/Div)
VLDO3
(2V/Div)
VLDO1
(2V/Div)
VBuck1
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com