Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9945 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9945
Description  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9945 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9945 Datasheet HTML 17Page - Richtek Technology Corporation RT9945 Datasheet HTML 18Page - Richtek Technology Corporation RT9945 Datasheet HTML 19Page - Richtek Technology Corporation RT9945 Datasheet HTML 20Page - Richtek Technology Corporation RT9945 Datasheet HTML 21Page - Richtek Technology Corporation RT9945 Datasheet HTML 22Page - Richtek Technology Corporation RT9945 Datasheet HTML 23Page - Richtek Technology Corporation RT9945 Datasheet HTML 24Page - Richtek Technology Corporation RT9945 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
RT9945
21
DS9945-01 April 2011
www.richtek.com
If a power good fault is not present at the end of the power good check mode and then NORMAL mode starts. In this mode
of operation, the I2C registers define the RT9945 operation, and must be able to handle all issues regarding power on/off
the handheld device. The following pins and battery voltages determine the power on/off status of the handset :
PWR_ON
PWR_HOLD
Logic high on PWR_ON pin is the normal way of powering up a handset. The PWR_ON signal is held high for at least 320
ms; Buck1, 2 and LDO1, 3 are turned on; when Buck2 reaches 87% of its final value, a 200ms reset timer is started at
after which nRESET is asserted high, and then the handheld device processor is initialized and will assert PWR_HOLD
high to maintain power on. This wrap around constitutes the PWR_ON button can be released (return to low state) and the
power remains on. If, however, PWR_ON is released before the PWR_HOLD signal is asserted, then Buck1, 2 and LDO1,
3 will be turned off. All output could be turned off by the processor asserting PWR_HOLD low, if PWR_ON = Low.
The RT9945's default power output voltages for Samsung platform are listed in Table 4 as following :
Figure 6. Power and Interface Module
I
2C
Decoder
I
2C
Registers
and Non-
Volatile
Memory
Interrupt
Controller
System and
Battery
Charger
Control Logic
Sequencing
& Operating
Mode
Setting
Host
Processor
CLK
DATA
nINT
nRESET
nPBSTAS
PWR_HOLD
HP_PWR
PWR_ON
VSYS
VMEM
VSYS
PWR_IN
BATT
PWR_EN
VSYS
VSYS
Table 4. The RT9945 for Samsung Platform Power Terminology
Buck1
Buck 2
LDO1
LDO2
LDO3
LDO4
LDO5
Control Pin
PW R_ON
PW R_EN
PWR_ON
PWR_EN
PWR_ON
I
2C default Off I2C, default Off
Default Output
Voltage
1.8V
1.35V
3.3V
1.2V
1.2V
2.5V
3.3V
LDO1, 2 voltage setting by Pin S1 and S2
LDO2 and Buck2 can be turned on by PWR_EN pin.
The I2C will be activated if the Buck1 is enabled.
LDO 1, 2, 3, 4, 5 and Buck 1, 2 output voltages can be turned on and off by I2C.
LDO 4, 5 and Buck2 output voltages can be programmed by I2C.
Sleep Mode
The external host can set the RT9945 in sleep mode using the GPIO configuration. In the sleep mode, change the
PWR_EN signal to set different output on/off status :
1. Buck2 and LDO2 will be disabled when the PWR_EN is turned off to enter the sleep mode.
2. When the PWR_EN is turned on, the Buck2 and LDO2 are enabled and the reset signal from the RT9945 remains high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com