Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9945 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT9945
Description  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9945 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT9945 Datasheet HTML 24Page - Richtek Technology Corporation RT9945 Datasheet HTML 25Page - Richtek Technology Corporation RT9945 Datasheet HTML 26Page - Richtek Technology Corporation RT9945 Datasheet HTML 27Page - Richtek Technology Corporation RT9945 Datasheet HTML 28Page - Richtek Technology Corporation RT9945 Datasheet HTML 29Page - Richtek Technology Corporation RT9945 Datasheet HTML 30Page - Richtek Technology Corporation RT9945 Datasheet HTML 31Page - Richtek Technology Corporation RT9945 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
RT9945
28
DS9945-01 April 2011
www.richtek.com
The RT9945 powers the system while independently charging the battery. This feature reduces the charge and discharge
cycles on the battery, allows for proper charge termination, and allows the system to run with an absent or defective
battery pack. This feature gives the system priority on input power, allowing the system to power up with a deeply
discharged battery pack. This feature works as follows:
Case 1: AC Mode (PWR_ID = LOW)
In this case, the system load is powered directly from the AC adapter through the internal transistor Q1 (Figure 17). The
output SYS is regulated at 5V. If the system load exceeds the capacity of the supply, the output voltage drops down to
the battery's voltage.
When in AC mode, the battery is charged through the switch Q2 based on the charge rate set on the ISETA input pin. This
feature monitors the output voltage (system voltage) for input power loss due to brown outs, current limiting, or removal
of the input supply. If the voltage on the VSYS pin drops to a preset value (4.2V) due to a limited amount of input current,
then the battery charging current is reduced until the VSYS stops dropping. If the system continues increasing load to
exceed the AC adapter capacity, the battery will start to discharge to VSYS.
Case 2: USB Mode (PWR_ID = High)
In this case, the system load is powered from a USB port through the internal switch Q1 (Figure 18). Note that in this
case, Q1 regulates the total current to the 450mA level as selected on the input. The output, SYS, is regulated to 5V. The
system's power management is responsible for keeping its system load below the USB current. Otherwise, the output
drops (VSYS) to the battery voltage; therefore, the system should have a low-power mode for USB power application.
Figure 17. RT9945 Powered by AC Adapter
LDO
Power Path
Control,
System power
and Current
limit selection
PWR_ID
PWR_IN
Adapter
From adapter
VSYS
ID
V+
GND
V+
GND
Q1
Figure 18. RT9945 Powered by USB port
LDO
Power Path
Control,
System power
and Current
limit selection
PWR_ID
PWR_IN
USB
VSYS
ID
VBUS
GND
VBUS
GND
Q1
D+
D-
USB port
from PC or
Notebook



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com