Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9945 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9945
Description  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9945 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9945 Datasheet HTML 1Page - Richtek Technology Corporation RT9945 Datasheet HTML 2Page - Richtek Technology Corporation RT9945 Datasheet HTML 3Page - Richtek Technology Corporation RT9945 Datasheet HTML 4Page - Richtek Technology Corporation RT9945 Datasheet HTML 5Page - Richtek Technology Corporation RT9945 Datasheet HTML 6Page - Richtek Technology Corporation RT9945 Datasheet HTML 7Page - Richtek Technology Corporation RT9945 Datasheet HTML 8Page - Richtek Technology Corporation RT9945 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
RT9945
2
DS9945-01 April 2011
www.richtek.com
Pin No.
Pin Name
Pin Function
1
nCHG_S
This pin indicates the status of the battery charger. Open Drain Output and
Active Low.
2
ISETA
PWR_IN Charge Current Setting Pin.
3
TS
Temperature Sense Pin.
4
TIMER
Charge Time Setting.
5
VOUT2
1.2V/80mA LDO regulator.
6
VIN3
This pin must be shorted to VSYS, VIN1 and VIN2. Connect a 4.7
μF ceramic
capacitor from VIN3 to GND.
7
VOUT3
1.2V/80mA LDO Regulator with 25mV/Step Adjustable.
8
VOUT1
3.3V/500mA LDO Regulator.
9
VIN2
Must be shorted to VSYS, VIN1 and VIN3. Connect a 10
μF ceramic capacitor
from VIN2 to GND.
10
VOUT4
2.5V/50mA LDO Regulator. Default off, controlled by I
2C.
11
VOUT5
3.3V/50mA LDO Regulator. Default off, controlled by I
2C.
12
nPBSTAS
Push-Button Status Pin. This pin is used to inform the power good state to
processor. Open Drain Output and Active Low.
13
nRESET
This pin provides a 200ms reset signal during power-up to initialize a processor.
Open Drain and Active Low.
14
nINT
This pin must be Active Low to inform processor the interrupt events happened,
Open Drain Output and Active Low.
15
nLBO
Low-Battery indication. Open Drain Output and Active Low.
16
LBI
Low-Battery Detection. This pin is used to monitor the VSYS voltage and the
internal reference voltage is 1V.
17,
41 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
Functional Pin Description
To be continued
Pin Configurations
(TOP VIEW)
WQFN-40L 5x5
30
29
28
27
26
25
24
23
22
21
31
32
33
34
35
36
37
38
39
40
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DATA
BATT
BATT
FB1
PGND1
LX1
VIN1
LX2
PGND2
FB2
nCHG_S
TS
TIMER
VOUT2
VIN3
VOUT3
VOUT1
VIN2
VOUT4
GND
ISETA
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com