Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9503 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation RT9503 Datasheet HTML 10Page - Richtek Technology Corporation RT9503 Datasheet HTML 11Page - Richtek Technology Corporation RT9503 Datasheet HTML 12Page - Richtek Technology Corporation RT9503 Datasheet HTML 13Page - Richtek Technology Corporation RT9503 Datasheet HTML 14Page - Richtek Technology Corporation RT9503 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9503
13
DS9503-03 April 2011
www.richtek.com
the input power or the EN pin. If the TIMER is shorted to
GND, the charge safety timer will be disabled.
Selecting the Input and Output Capacitors
In most applications, the most important is the high
frequency decoupling capacitor on the input of the RT9503.
A 1uF ceramic capacitor, placed in close proximity to input
pin and GND pin is recommended. In some applications
depending on the power supply characteristics and cable
length, it may be necessary to add an additional 10uF
ceramic capacitor to the input. The RT9503 requires a
small output capacitor for loop stability. A 1uF ceramic
capacitor placed between the BATT pin and GND is typically
sufficient.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TA is the ambient temperature and
the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification,
where TJ(MAX) is the maximum junction temperature of the
die (125
°C) and TA is the ambient temperature. The junction
to ambient thermal resistance
θJA is layout dependent.
For WQFN-16L 3x3 packages, the thermal resistance
θJA
is 60
°C/W on the standard JEDEC 51-7 four layers thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by following formula :
PD(MAX) = (125
°C − 25°C) / (60°C/W) = 1.667W for
WQFN-16L 3x3 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For WQFN-16L 3x3 package, the Figure
7 of derating curves allows the designer to see the effect
of rising ambient temperature on the maximum power
allowed.
Figure 7. Derating Curves for RT9503 Package
Layout Consideration
The RT9503 is a fully integrated low cost single-cell Li-
Ion battery charger ideal for portable applications. Careful
PCB layout is necessary. The following guidelines should
be strictly followed to achieve best performance of RT9503.
Input capacitor should be placed close to the IC and
connected to the ground plane. The trace of the input in
the PCB should be placed far away from the sensitive
devices or shielded by the ground.
The GND should be connected to a strong ground plane
for heat sinking and noise protection.
The connection of the RSETA should be isolated from
other noisy traces. The short wire is recommended to
prevent EMI and noise coupling.
Output capacitor should be placed close to the IC and
connected to ground plane to reduce noise coupling.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
Ambient Temperature (°C)
WQFN-16L 3x3
Four Layers PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com