Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9503 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9503 Datasheet HTML 1Page - Richtek Technology Corporation RT9503 Datasheet HTML 2Page - Richtek Technology Corporation RT9503 Datasheet HTML 3Page - Richtek Technology Corporation RT9503 Datasheet HTML 4Page - Richtek Technology Corporation RT9503 Datasheet HTML 5Page - Richtek Technology Corporation RT9503 Datasheet HTML 6Page - Richtek Technology Corporation RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9503
1
DS9503-03 April 2011
www.richtek.com
Features
Automatic Input Supplies Selection
18V Maximum Rating for AC Adapter
Integrated Selectable 100mA and 500mA USB
Charge Current
Internal Integrated Power FETs
AC Adapter Power Good Status Indicator
Charge Status Indicator
External Capacitor Programmable Safety Timer
Under Voltage Protection
Over Voltage Protection
Automatic Recharge Feature
Battery Temperature Monitoring
Small 16-Lead WQFN Package
Thermal Feedback Optimizing Charge Rate
Power Path Controller
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Digital Cameras
Cellular Phones
PDAs and Smart Phones and MP3
Portable Instruments
Ordering Information
General Description
The RT9503 is a fully integrated low cost single-cell Li-
Ion battery charger IC ideal for portable applications. The
RT9503 is capable of being powered up from AC adapter
and the USB (Universal Serial Bus) port inputs. The
RT9503 can automatically detect and select the AC
adapter and the USB port as the power source for the
charger. The RT9503 enters sleep mode when both
supplies are removed.
The RT9503 optimizes the charging task by using a control
algorithm including preconditioning mode, fast charge
mode and constant voltage mode. The charging task is
terminated as the charge current drops below the preset
threshold. The USB charge current can be selected from
preset ratings100mA and 500mA, while the AC adapter
charge current can be programmed up to 1A with an
external resister. The internal thermal feedback circuitry
regulates the die temperature to optimize the charge rate
for all ambient temperatures.
The RT9503 features 18V and 7V maximum rating voltages
for AC adapter and USB port inputs respectively. The other
features are external programmed safety timer, under
voltage protection, over voltage protection for AC adapter
supply, battery temperature monitoring, power supply
status indicators and charge status indicator.
(TOP VIEW)
WQFN-16L 3x3
Fully Integrated Linear Single Cell Li-Ion Battery Charger
with Power Path
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
ACIN
TS
TIMER
BATT
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
17
CHG_S
AC_PGOOD
EN
USB
RT9503
Package Type
QW : WQFN-16L 3x3 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.


Similar Part No. - RT9503

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
More results

Similar Description - RT9503

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056H HMSEMI-HM4056H Datasheet
1Mb / 7P
1.2A/16V Fully integrated linear charger for 1 cell li-ion battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com