Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9503 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9503 Datasheet HTML 1Page - Richtek Technology Corporation RT9503 Datasheet HTML 2Page - Richtek Technology Corporation RT9503 Datasheet HTML 3Page - Richtek Technology Corporation RT9503 Datasheet HTML 4Page - Richtek Technology Corporation RT9503 Datasheet HTML 5Page - Richtek Technology Corporation RT9503 Datasheet HTML 6Page - Richtek Technology Corporation RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9503
3
DS9503-03 April 2011
www.richtek.com
Function Block Diagram
Charge Input
Selection
ACIN/USB
ACIN
USB
ISETA
BATT
ACIN
P-MOSFET
SENSE
MOSFET
USB
P-MOSFET
SENSE
MOSFET
Thermal
Sense
VREF
2.5V
0.25V
0.5V
GND
Precharge
Loop Controller
+
-
0.25V
Logic
Temperature
Sense
Temperature Fault
+
-
Charge
Disable
0.9V
1uA
TS
Termination
Comparator
VCC/USB
EN
ISETU
1uA
7.5k
1.5k
VREF Thermal
Sense
VFB
DRV
OVP
+
-
2.5V
OVP
Comparator
-
+
BATT
SYS
VOS
VH
Hys
Logic
OVP
AC_ON
BAT_ON
CHG_S
PGOOD
125 C
Timer
TIMER
Pre-Charge Phase
Fast Charge
Phase
Constant Voltage
Phase &
Standby Phase
Re-Charge Phase
Programmed
Charge Current
4.1V Recharge
Threshold
2.8V Precharge
Threshold
1/10 Programmed
Charge Current
Charge
Complete
Battery
Voltage
Charging
Current
Charging I-V Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com