Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9503 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9503 Datasheet HTML 1Page - Richtek Technology Corporation RT9503 Datasheet HTML 2Page - Richtek Technology Corporation RT9503 Datasheet HTML 3Page - Richtek Technology Corporation RT9503 Datasheet HTML 4Page - Richtek Technology Corporation RT9503 Datasheet HTML 5Page - Richtek Technology Corporation RT9503 Datasheet HTML 6Page - Richtek Technology Corporation RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9503
2
DS9503-03 April 2011
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
ACIN
Wall Adaptor Charge Input Supply.
2
USB
USB Charge Input Supply.
3
CHG_S
Charge Status Indicator Output (open drain).
4
AC_PGOOD
Wall Adaptor Power Good Indicator Output (open drain).
5
GND
Ground.
6
ISETA
Wall Adaptor Supply Charge Current Set Point.
7
ISETU
USB Supply Charge Current Set Input (active low).
8, 14
NC
No Internal Connection.
9
EN
Charge Enable (Active Low).
10
TIMER
Safe Charge Timer Setting.
11
TS
Temperature Sense Input.
12
BATT
Battery Charge Current Output.
13
BAT_ON
Power path controller output, low to turn on the external P-MOSFET.
15
SYS
System Voltage Detecting Pin.
16
AC_ON
P-MOSFET Switch Control Output (open drain).
17 (Exposed Pad) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
RT9503
3
4
1
BATT
TIMER
SYS
11
12
13
6
ACIN
ISETA
TS
10
15
2
USB
Battery Pack
CT
0.1uF
Chip Enable
5, Exposed Pad (17)
GND
9
EN
AC_PGOOD
AC_ON
CHG_S
BAT_ON
USB
VIN
Adapter
1uF
System
7 ISETU
16
1uF
10uF
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com