Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9526AGE Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9526AGE
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526AGE Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9526AGE Datasheet HTML 2Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 3Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 4Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 5Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 6Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 7Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 8Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 9Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9526A
7
DS9526A-01 April 2011
www.richtek.com
Application Information
The RT9526A is a fully integrated low cost single cell Li-
ion battery charger operable in Constant Current (CC) mode
or Constant Voltage (CV) mode. The CC mode current is
set with the external resistor, RISET, and the CV mode
voltage is fixed at 4.2V. If the battery voltage is below a
typical 2.55V pre-charge threshold, the RT9526A charges
the battery with a trickle current until the battery voltage
rises above the pre-charge threshold. The RT9526A is
capable of being powered up from AC adapter and USB
(Universal Serial Bus) port inputs.
VIN Over Voltage Protection
The input voltage is monitored by the internal comparator.
The OVP threshold is set at 7V (typ.). When the input
voltage exceeds the threshold, the controller outputs a
logic signal to turn off the power P-MOSFET to prevent
high input voltage from damaging the electronics in the
handheld system. Nevertheless, an AC input voltage over
28V will still damage the RT9526A. When the input over
voltage condition is removed, the controller will enable
the output again by running through soft-start.
Charger Enable Input
ENB is an active-low logic input to enable the charger.
Drive the ENB pin low or leave it floating to enable the
charger. This pin has a 200k
Ω internal pull down resistor.
So when left floating, the input is equivalent to logic-low.
Drive this pin high to disable the charger.
Battery Charge Profile
The RT9526A charges a Li-ion battery under Constant
Current (CC) mode or Constant Voltage (CV) mode. The
constant current of ISET is set via the external resistor,
RISET, and the constant voltage is fixed at 4.2V. If the battery
voltage is below a typical 2.55V pre-charge threshold, the
RT9526A charges the battery with a trickle current until
the battery voltage rises above the pre-charge threshold.
When the battery voltage reaches 4.2V, the charger enters
CV mode and regulates the battery voltage at 4.2V to
fully charge the battery without the risk of over charge.
CV
CC
Trickle
4.2V
ICHG_FAST
2.8V
16.7 %
ICHG_FAST
CHG_SB
CHG
Indication
IIMIN
Charge
Current
75 %
ICHG_FAST
Time
Charge
Voltage
Figure 1. Typical Charge Profile
a. Battery Pre-Charge Current
During a charge cycle, if the battery voltage is below the
pre-charge threshold, the RT9526A applies a pre-charge
mode to the battery. This feature revives deeply discharged
cells and protects battery life. The internally determined
pre-charge rate of the RT9526A is 16.7% of the constant
charge current.
b. Battery Fast-Charge Current (CC Mode)
The RT9526A offers ISET pin to determine the fast-charge
current via an external resistor, RISET, connected between
ISET and GND. The fast-charge current can be calculated
by the following equation :
ISET
CHG_FAST
ISET
ISET
V
I
= K
x
(mA)
R
KSET = 9959; VSET = 1.22 (typ.)
Figure 2
Ω
Battery Charge Current vs. RISET
0
200
400
600
800
1000
1200
1400
10
19
28
37
46
55
RISET (k )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com