Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9526AGE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9526AGE
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526AGE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9526AGE Datasheet HTML 1Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 2Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 3Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 4Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 5Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 6Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 7Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 8Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9526A
1
DS9526A-01 April 2011
www.richtek.com
Pin Configurations
(TOP VIEW)
Linear Single Cell Li-Ion Battery Charger with Input Over
Voltage Protection
General Description
The RT9526A is a fully integrated low cost single cell Li-
ion battery charger ideal for portable applications. The
RT9526A is capable of being powered up from AC adapter
and USB (Universal Serial Bus) port inputs. The RT9526A
enters sleep mode when supplies are removed. The
RT9526A optimizes the charging task by using a control
algorithm including preconditioning mode, fast charge
mode, and constant voltage mode. The charging task will
remain in constant voltage mode to hold the battery in a
full charge condition. The charge current can be
programmed with an external resistor. The internal thermal
feedback circuitry regulates the die temperature to optimize
the charge rate under all ambient temperatures. The
RT9526A features 28V maximum rating voltage for VIN.
The other features are under voltage protection and over
voltage protection for the AC adapter supply.
The RT9526A is available in WDFN-8L 2x3 package to
achieve best solution for PCB space and total BOM cost
saving considerations.
Features
28V Maximum Rating for AC Adapter
Internal Integrated Power FETs
AC Adapter Power Good Status Indicator
Programmed Charging Current
Charge Status Indicator
Programmed End of Charge Current
Under Voltage Protection
Over Voltage Protection
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and Halogen Free
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
WDFN-8L 2x3
VIN
ENB
PGB
BATT
ISET
IMIN
GND
CHG_SB
9
7
6
5
1
2
3
4
8
Marking Information
05 : Product Code
W : Date Code
RT9526A
Package Type
QW : WDFN-8L 2x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
05W


Similar Part No. - RT9526AGE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9526AGE RICHTEK-RT9526AGE Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results

Similar Description - RT9526AGE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com