Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9526AGE Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9526AGE
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526AGE Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9526AGE Datasheet HTML 1Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 2Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 3Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 4Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 5Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 6Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 7Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 8Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9526A
3
DS9526A-01 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------
−0.3V to 28V
CHG_SB, PGB Pins ------------------------------------------------------------------------------------------------------
−0.3V to 7V
Others ------------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-8L 2x3 -------------------------------------------------------------------------------------------------------------- 0.833W
Package Thermal Resistance (Note 2)
WDFN-8L 2x3,
θJA --------------------------------------------------------------------------------------------------------- 120°C/W
WDFN-8L 2x3,
θJC--------------------------------------------------------------------------------------------------------- 8.2°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
Recommended Operating Conditions
(Note 3)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN POR Rising Threshold
Voltage
VPOR_H
3.4
3.8
4.2
V
VIN POR Falling Threshold
Voltage
VPOR_L
3.1
3.5
3.9
V
VIN
− VBATT VOS Rising
VOS_H
--
90
150
mV
VIN
− VBATT VOS Falling
VOS_L
10
50
--
mV
VIN Standby Current
VBATT = 4.5V
--
400
600
μA
BATT Sleep Leakage Current
ISLEEP
--
1
5
μA
Battery Regulation Voltage
VREG
4.158
4.2
4.242
V
VIN Power FET On-Resistance
RDS(ON)
IBATT = 0.5A
--
0.6
--
Ω
ISET Set Voltage (Fast Charge
Phase)
VISET
--
1.22
--
V
Charge Current Accuracy
RISET = 24.3kΩ
450
500
550
mA
BATT Pre-Charge Threshold
VCHG_PRE
2.45
2.55
2.65
V
BATT Pre-Charge Threshold
Hysteresis
ΔVCHG_PRE
40
100
150
mV
Pre-Charge Current
ICHG_PRE
12
16.7
21.3
%
Logic-High VIH
1.5
--
--
V
ENB Input
Threshold Voltage
Logic-Low VIL
VIN = 4.2V to 24V
--
--
0.4
V
Thermal Regulation
TREG
--
115
--
°C
VIN Over Voltage Protection
Threshold
VOVP
6.7
7
7.5
V
VIN OVP Hysteresis
ΔVOVP
--
0.1
--
V
PGB Pull Down Voltage
5mA
--
200
--
mV
CHG_SB Pull Down Voltage
5mA
--
200
--
mV
(VIN = 4.5V, TA = 25
°C unless otherwise specified)
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com