Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9526AGE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9526AGE
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526AGE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9526AGE Datasheet HTML 1Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 2Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 3Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 4Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 5Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 6Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 7Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 8Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9526A
2
DS9526A-01 April 2011
www.richtek.com
Function Block Diagram
Function Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Supply Voltage Input. VIN can withstand up to 28V input.
2
PGB
Power Good Indicator. This pin connects to VIN with 10SL N-MOSFET as
power good condition.
3
CHG_SB
Charge Status Indicator Output (Open drain). Indicate low when battery is
charging; indicate high when battery charging finished or any fault happened.
4
ENB
Charge Enable (Active Low). Connect this pin with 200k
Ω pull low resistor.
5,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
6
IMIN
EOC Current Setting Pin.
7
ISET
Charge Current Set Point.
8
BATT
Battery Charge Current Output.
Typical Application Circuit
IMIN
CHG_SB
BATT
ENB
RT9526A
CIN
VIN
Adapter or USB
GND
COUT
RISET
VBATT
PGB
ISET
RIMIN
R1
VBATT
R2
CC/CV/TR
Multi Loop
Controller
Logic
200k
BATT
CHG_SB
GND
PGB
ENB
ISET
VIN
IMIN
Current
Set Block
Sleep
Mode
OVP
UVLO
BASE
EOC Set
Block
Switch
Well
VREF
IBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com