Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT91SAM
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT91SAM Datasheet HTML 8Page - ATMEL Corporation AT91SAM Datasheet HTML 9Page - ATMEL Corporation AT91SAM Datasheet HTML 10Page - ATMEL Corporation AT91SAM Datasheet HTML 11Page - ATMEL Corporation AT91SAM Datasheet HTML 12Page - ATMEL Corporation AT91SAM Datasheet HTML 13Page - ATMEL Corporation AT91SAM Datasheet HTML 14Page - ATMEL Corporation AT91SAM Datasheet HTML 15Page - ATMEL Corporation AT91SAM Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
12
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
4.
Package and Pinout
SAM4S devices are pin-to-pin compatible with SAM3N, SAM3S products in 64- and 100-pin ver-
sions, and AT91SAM7S legacy products in 64-pin versions.
4.1
SAM4SD32/SD16/SA16/S16/S8C Package and Pinout
4.1.1
100-Lead LQFP Package Outline
Figure 4-1.
Orientation of the 100-lead LQFP Package
4.1.2
100-ball TFBGA Package Outline
The 100-Ball TFBGA package has a 0.8 mm ball pitch and respects Green Standards. Its
dimensions are 9 x 9 x 1.1 mm. Figure 4-2 shows the orientation of the 100-ball TFBGA
Package.
Figure 4-2.
Orientation of the 100-ball TFBGA Package
125
26
50
51
75
76
100
1
3
4
5
6
7
8
9
10
2
AB
C
D
E
F
G
H
J
K
TOP VIEW
BALL A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com