Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT91SAM
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT91SAM Datasheet HTML 51Page - ATMEL Corporation AT91SAM Datasheet HTML 52Page - ATMEL Corporation AT91SAM Datasheet HTML 53Page - ATMEL Corporation AT91SAM Datasheet HTML 54Page - ATMEL Corporation AT91SAM Datasheet HTML 55Page - ATMEL Corporation AT91SAM Datasheet HTML 56Page - ATMEL Corporation AT91SAM Datasheet HTML 57Page - ATMEL Corporation AT91SAM Datasheet HTML 58Page - ATMEL Corporation AT91SAM Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
55
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
• One programmable Fault Input providing an asynchronous protection of outputs
• Stepper motor control (2 Channels)
11.8
High Speed Multimedia Card Interface (HSMCI)
• 4-bit or 1-bit Interface
• Compatibility with MultiMedia Card Specification Version 4.3
• Compatibility with SD and SDHC Memory Card Specification Version 2.0
• Compatibility with SDIO Specification Version V1.1.
• Compatibility with CE-ATA Specification 1.1
• Cards clock rate up to Master Clock divided by 2
• Boot Operation Mode support
• High Speed mode support
• Embedded power management to slow down clock rate when not used
• MCI has one slot supporting
– One MultiMediaCard bus (up to 30 cards) or
– One SD Memory Card
– One SDIO Card
• Support for stream, block and multi-block data read and write
11.9
USB Device Port (UDP)
• USB V2.0 full-speed compliant,12 Mbits per second.
• Embedded USB V2.0 full-speed transceiver
• Embedded 2688-byte dual-port RAM for endpoints
• Eight endpoints
– Endpoint 0: 64bytes
– Endpoint 1 and 2: 64 bytes ping-pong
– Endpoint 3: 64 bytes
– Endpoint 4 and 5: 512 bytes ping-pong
– Endpoint 6 and 7: 64 bytes ping-pong
– Ping-pong Mode (two memory banks) for Isochronous and bulk endpoints
• Suspend/resume logic
• Integrated Pull-up on DDP
• Pull-down resistor on DDM and DDP when disabled
11.10 Analog-to-Digital Converter (ADC12B)
• up to 16 Channels, 12-bit ADC
• 10/12-bit resolution
• up to 1 MSample/s
• Programmable conversion sequence conversion on each channel
• Integrated temperature sensor
• Automatic calibration mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com