Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT91SAM
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT91SAM Datasheet HTML 25Page - ATMEL Corporation AT91SAM Datasheet HTML 26Page - ATMEL Corporation AT91SAM Datasheet HTML 27Page - ATMEL Corporation AT91SAM Datasheet HTML 28Page - ATMEL Corporation AT91SAM Datasheet HTML 29Page - ATMEL Corporation AT91SAM Datasheet HTML 30Page - ATMEL Corporation AT91SAM Datasheet HTML 31Page - ATMEL Corporation AT91SAM Datasheet HTML 32Page - ATMEL Corporation AT91SAM Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
29
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
7.
Processor and Architecture
7.1
ARM Cortex-M4 Processor
• Thumb-2 (ISA) subset consisting of all base Thumb-2 instructions, 16-bit and 32-bit
• Harvard processor architecture enabling simultaneous instruction fetch with data load/store
• Three-stage pipeline
• Saturating arithmetic for signal processing
• Hardware division and fast digital-signal-processing oriented multiply accumulate
• Thumb and Debug states
• Handler and Thread modes
• Low latency ISR entry and exit
7.2
APB/AHB bridge
The SAM4S embeds One Peripheral bridge.
The peripherals of the bridge are clocked by MCK.
7.3
Matrix Masters
The Bus Matrix of the SAM4S manages 4 masters, which means that each master can perform
an access concurrently with others, to an available slave.
Each master has its own decoder, which is defined specifically for each master. In order to sim-
plify the addressing, all the masters have the same decodings.
7.4
Matrix Slaves
The Bus Matrix of the SAM4S manages 5 slaves. Each slave has its own arbiter, allowing a dif-
ferent arbitration per slave.
Table 7-1.
List of Bus Matrix Masters
Master 0
Cortex-M4 Instruction/Data
Master 1
Cortex-M4 System
Master 2
Peripheral DMA Controller (PDC)
Master 3
CRC Calculation Unit
Table 7-2.
List of Bus Matrix Slaves
Slave 0
Internal SRAM
Slave 1
Internal ROM
Slave 2
Internal Flash
Slave 3
External Bus Interface
Slave 4
Peripheral Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com