Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT91SAM
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT91SAM Datasheet HTML 32Page - ATMEL Corporation AT91SAM Datasheet HTML 33Page - ATMEL Corporation AT91SAM Datasheet HTML 34Page - ATMEL Corporation AT91SAM Datasheet HTML 35Page - ATMEL Corporation AT91SAM Datasheet HTML 36Page - ATMEL Corporation AT91SAM Datasheet HTML 37Page - ATMEL Corporation AT91SAM Datasheet HTML 38Page - ATMEL Corporation AT91SAM Datasheet HTML 39Page - ATMEL Corporation AT91SAM Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
36
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Figure 9-3.
Flash Size
Erasing the memory can be performed as follows:
• on a 512-byte page inside a sector, of 8Kbytes
Note:
EWP and EWPL commands can be only used in 8Kbytes sectors.
• on a 4-Kbyte Block inside a sector of 8 Kbytes/48 Kbytes/64 Kbytes
• on a sector of 8 Kbytes/48 Kbytes/64 Kbytes
• on chip
9.1.3.2
Enhanced Embedded Flash Controller
The Enhanced Embedded Flash Controller manages accesses performed by the masters of the
system. It enables reading the Flash and writing the write buffer. It also contains a User Inter-
face, mapped on the APB.
The Enhanced Embedded Flash Controller ensures the interface of the Flash block.
It manages the programming, erasing, locking and unlocking sequences of the Flash using a full
set of commands.
One of the commands returns the embedded Flash descriptor definition that informs the system
about the Flash organization, thus making the software generic.
9.1.3.3
Flash Speed
The user needs to set the number of wait states depending on the frequency used:
For more details, refer to the “AC Characteristics” sub-section of the product “Electrical
Characteristics”.
2 * 8 KBytes
1 * 48 KBytes
15 * 64 KBytes
2 * 8 KBytes
1 * 48 KBytes
7 * 64 KBytes
2 * 8 KBytes
1 * 48 KBytes
3 * 64 KBytes
Flash 1 MBytes
Flash 512 KBytes
Flash 256 KBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com