Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C58LP Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 41Page - Cypress Semiconductor CY8C58LP Datasheet HTML 42Page - Cypress Semiconductor CY8C58LP Datasheet HTML 43Page - Cypress Semiconductor CY8C58LP Datasheet HTML 44Page - Cypress Semiconductor CY8C58LP Datasheet HTML 45Page - Cypress Semiconductor CY8C58LP Datasheet HTML 46Page - Cypress Semiconductor CY8C58LP Datasheet HTML 47Page - Cypress Semiconductor CY8C58LP Datasheet HTML 48Page - Cypress Semiconductor CY8C58LP Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 45 of 122
through the DSI. Each of the four instances has a compare
output, terminal count output (optional complementary compare
output), and programmable interrupt request line. The
Timer/Counter/PWMs are configurable as free running, one shot,
or Enable input controlled. The peripheral has timer reset and
capture inputs, and a kill input for control of the comparator
outputs. The peripheral supports full 16-bit capture.
Timer/Counter/PWM features include:
■ 16-bit timer/counter/PWM (down count only)
■ Selectable clock source
■ PWM comparator (configurable for LT, LTE, EQ, GTE, GT)
■ Period reload on start, reset, and terminal count
■ Interrupt on terminal count, compare true, or capture
■ Dynamic counter reads
■ Timer capture mode
■ Count while enable signal is asserted mode
■ Free run mode
■ One-shot mode (stop at end of period)
■ Complementary PWM outputs with deadband
■ PWM output kill
Figure 7-17. Timer/Counter/PWM
7.8 I2C
The I2C peripheral provides a synchronous two wire interface
designed to interface the PSoC device with a two wire I2C serial
communication bus. It is compatible[12] with I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/O may be implemented with GPIO or SIO in open-drain modes.
Additional I2C interfaces can be instantiated using Universal
Digital Blocks (UDBs) in PSoC Creator, as required.
To eliminate the need for excessive CPU intervention and
overhead, I2C specific support is provided for status detection
and generation of framing bits. I2C operates as a slave, a master,
or multimaster (Slave and Master). In slave mode, the unit
always listens for a start condition to begin sending or receiving
data. Master mode supplies the ability to generate the Start and
Stop conditions and initiate transactions. Multimaster mode
provides clock synchronization and arbitration to allow multiple
masters on the same bus. If Master mode is enabled and Slave
mode is not enabled, the block does not generate interrupts on
externally generated Start conditions. I2C interfaces through the
DSI routing and allows direct connections to any GPIO or SIO
pins.
I2C provides hardware address detect of a 7-bit address without
CPU intervention. Additionally the device can wake from low
power modes on a 7-bit hardware address match. If wakeup
functionality is required, I2C pin connections are limited to the
two special sets of SIO pins.
I2C features include:
■ Slave and master, transmitter, and receiver operation
■ Byte processing for low CPU overhead
■ Interrupt or polling CPU interface
■ Support for bus speeds up to 1 Mbps
■ 7 or 10-bit addressing (10-bit addressing requires firmware
support)
■ SMBus operation (through firmware support - SMBus
supported in hardware in UDBs)
■ 7-bit hardware address compare
■ Wake from low power modes on address match
■ Glitch filtering (active and alternate-active modes only)
Data transfers follow the format shown in Figure 7-18. After the
START condition (S), a slave address is sent. This address is 7
bits long followed by an eighth bit which is a data direction bit
(R/W) - a 'zero' indicates a transmission (WRITE), a 'one'
indicates a request for data (READ). A data transfer is always
terminated by a STOP condition (P) generated by the master.
However, if a master still wishes to communicate on the bus, it
can generate a repeated START condition (Sr) and address
another slave without first generating a STOP condition. Various
combinations of read/write formats are then possible within such
a transfer.
Figure 7-18. I2C Complete Transfer Timing
Timer / Counter /
PWM 16-bit
Clock
Reset
Enable
Capture
Kill
IRQ
Compare
TC / Compare!
Note
12. The I2C peripheral is non-compliant with the NXP I2C specification in the following areas: analog glitch filter, I/O VOL/IOL, I/O hysteresis. The I2C Block has a digital
glitch filter (not available in sleep mode). The Fast-mode minimum fall-time specification can be met by setting the I/Os to slow speed mode. See the I/O Electrical
Specifications in “Inputs and Outputs” section on page 69 for details.
SDA
SCL
1 - 7
8
9
1 - 7
8
9
1 - 7
8
9
START
Condition
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com