Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C58LP Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 79Page - Cypress Semiconductor CY8C58LP Datasheet HTML 80Page - Cypress Semiconductor CY8C58LP Datasheet HTML 81Page - Cypress Semiconductor CY8C58LP Datasheet HTML 82Page - Cypress Semiconductor CY8C58LP Datasheet HTML 83Page - Cypress Semiconductor CY8C58LP Datasheet HTML 84Page - Cypress Semiconductor CY8C58LP Datasheet HTML 85Page - Cypress Semiconductor CY8C58LP Datasheet HTML 86Page - Cypress Semiconductor CY8C58LP Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 83 of 122
Table 11-23. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 16-bit,
Internal Reference, Single Ended[43]
Sample rate,
Input Voltage Range
sps
0 to VREF
0 to VREF x 2
VSSA to VDDA
0 to VREF x 6
2000
1.21
1.02
1.14
0.99
3000
1.28
1.15
1.25
1.22
6000
1.36
1.22
1.38
1.22
12000
1.44
1.33
1.43
1.40
24000
1.67
1.50
1.43
1.53
48000
1.91
1.60
1.85
1.67
Table 11-24. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 16-bit,
Internal Reference, Differential[43]
Sample rate,
Input Voltage Range
sps
±VREF
±VREF / 2
±VREF / 4
±VREF / 8
±VREF / 16
2000
0.56
0.65
0.74
1.02
1.77
4000
0.58
0.72
0.81
1.10
1.98
8000
0.53
0.72
0.82
1.12
2.18
15625
0.58
0.72
0.85
1.13
2.20
32000
0.60
0.76
INVALID OPERATING REGION
43750
0.58
0.75
48000
0.59
Table 11-25. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 20-bit,
External Reference, Single Ended[43]
Sample rate,
Input Voltage Range
sps
0 to VREF
0 to VREF x 2
VSSA to VDDA
0 to VREF x 6
8
1.28
1.24
6.02
0.97
23
1.33
1.28
6.09
0.98
45
1.77
1.26
6.28
0.96
90
1.65
0.91
6.84
0.95
187
1.87
1.06
7.97
1.01
Table 11-26. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 20-bit,
External Reference, Differential[43]
Sample rate,
Input Voltage Range
sps
±VREF
±VREF / 2
±VREF / 4
±VREF / 8
±VREF / 16
8
0.70
0.84
1.02
1.40
2.65
11.3
0.69
0.86
0.96
1.40
2.69
22.5
0.73
0.82
1.25
1.77
2.67
45
0.76
0.94
1.02
1.76
2.75
61
0.75
1.01
1.13
1.65
2.98
170
0.75
0.98
INVALID OPERATING REGION
187
0.73
Note
43. The RMS noise (in volts) is the range (in volts) times noise in counts divided by 2^number of bits. RMS Noise = (Range × Counts) / 2^bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com