Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C58LP Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C58LP Datasheet HTML 1Page - Cypress Semiconductor CY8C58LP Datasheet HTML 2Page - Cypress Semiconductor CY8C58LP Datasheet HTML 3Page - Cypress Semiconductor CY8C58LP Datasheet HTML 4Page - Cypress Semiconductor CY8C58LP Datasheet HTML 5Page - Cypress Semiconductor CY8C58LP Datasheet HTML 6Page - Cypress Semiconductor CY8C58LP Datasheet HTML 7Page - Cypress Semiconductor CY8C58LP Datasheet HTML 8Page - Cypress Semiconductor CY8C58LP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-84932 Rev. **
Revised December 7, 2012
General Description
With its unique array of configurable blocks, PSoC® 5LP is a true system-level solution providing microcontroller unit (MCU), memory,
analog, and digital peripheral functions in a single chip. The CY8C58LP family offers a modern method of signal acquisition, signal
processing, and control with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples
(near DC voltages) to ultrasonic signals. The CY8C58LP family can handle dozens of data acquisition channels and analog inputs on
every general-purpose input/output (GPIO) pin. The CY8C58LP family is also a high-performance configurable digital system with
some part numbers including interfaces such as USB, multimaster inter-integrated circuit (I2C), and controller area network (CAN).
In addition to communication interfaces, the CY8C58LP family has an easy to configure logic array, flexible routing to all I/O pins, and
a high-performance 32-bit ARM® Cortex™-M3 microprocessor core. You can easily create system-level designs using a rich library
of prebuilt components and boolean primitives using PSoC Creator™, a hierarchical schematic design entry tool. The CY8C58LP
family provides unparalleled opportunities for analog and digital bill of materials integration while easily accommodating last minute
design changes through simple firmware updates.
Features
■ 32-bit ARM Cortex-M3 CPU core
❐ DC to 67 MHz operation
❐ Flash program memory, up to 256 KB, 100,000 write cycles,
20-year retention, and multiple security features
❐ Up to 32-KB flash error correcting code (ECC) or configura-
tion storage
❐ Up to 64 KB SRAM
❐ 2-KB electrically erasable programmable read-only memory
(EEPROM) memory, 1 M cycles, and 20 years retention
❐ 24-channel direct memory access (DMA) with multilayer
AHB[1] bus access
• Programmable chained descriptors and priorities
• High bandwidth 32-bit transfer support
■ Low voltage, ultra low power
❐ Wide operating voltage range: 0.5 V to 5.5 V
❐ High-efficiency boost regulator from 0.5 V input to 1.8 V to
5.0 V output
❐ 3.1 mA at 6 MHz
❐ Low power modes including:
• 2-µA sleep mode with real time clock (RTC) and low-volt-
age detect (LVD) interrupt
• 300-nA hibernate mode with RAM retention
■ Versatile I/O system
❐ 28 to 72 I/Os (62 GPIOs, 8 SIOs, 2 USBIOs[2])
❐ Any GPIO to any digital or analog peripheral routability
❐ LCD direct drive from any GPIO, up to 46×16 segments
❐ CapSense® support from any GPIO[3]
❐ 1.2 V to 5.5 V I/O interface voltages, up to 4 domains
❐ Maskable, independent IRQ on any pin or port
❐ Schmitt-trigger transistor-transistor logic (TTL) inputs
❐ All GPIOs configurable as open drain high/low,
pull-up/pull-down, High-Z, or strong output
❐ Configurable GPIO pin state at power-on reset (POR)
❐ 25 mA sink on SIO
■ Digital peripherals
❐ 20 to 24 programmable logic device (PLD) based universal
digital blocks (UDBs)
❐ Full CAN 2.0b 16 RX, 8 TX buffers[2]
❐ Full-Speed (FS) USB 2.0 12 Mbps using internal oscillator[2]
❐ Four 16-bit configurable timers, counters, and PWM blocks
❐ 67-MHz, 24-bit fixed point digital filter block (DFB) to
implement finite impulse response (FIR) and infinite impulse
response (IIR) filters
❐ Library of standard peripherals
• 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
• Serial peripheral interface (SPI), universal asynchronous
transmitter receiver (UART), and I2C
• Many others available in catalog
❐ Library of advanced peripherals
• Cyclic redundancy check (CRC)
• Pseudo random sequence (PRS) generator
• Local interconnect network (LIN) bus 2.0
• Quadrature decoder
■ Analog peripherals (1.71 V ≤ VDDA ≤ 5.5 V)
❐ 1.024 V ±0.1% internal voltage reference across –40°C to
+85°C
❐ Configurable delta-sigma ADC with 8- to 20-bit resolution
• Sample rates up to 192 ksps
• Programmable gain stage: ×0.25 to ×16
• 12-bit mode, 192 ksps, 66-dB signal to noise and distortion
ratio (SINAD), ±1-bit INL/DNL
• 16-bit mode, 48 ksps, 84-dB SINAD, ±2-bit INL, ±1-bit DNL
❐ Up to two SAR ADCs, each 12-bit at 1 Msps
❐ Four 8-bit 8 Msps current IDACs or 1-Msps voltage VDACs
❐ Four comparators with 95-ns response time
❐ Four uncommitted opamps with 25-mA drive capability
❐ Four configurable multifunction analog blocks. Example con-
figurations are programmable gain amplifier (PGA), tran-
simpedance amplifier (TIA), mixer, and sample and hold
❐ CapSense support
■ Programming, debug, and trace
❐ JTAG (4 wire), serial wire debug (SWD) (2 wire), single wire
viewer (SWV), and TRACEPORT interfaces
❐ Cortex-M3 flash patch and breakpoint (FPB) block
❐ Cortex-M3 Embedded Trace Macrocell™ (ETM™) gener-
ates an instruction trace stream.
❐ Cortex-M3 data watchpoint and trace (DWT) generates data
trace information
❐ Cortex-M3 Instrumentation Trace Macrocell (ITM) can be
used for printf-style debugging
❐ DWT, ETM, and ITM blocks communicate with off-chip debug
and trace systems via the SWV or TRACEPORT
❐ Bootloader programming supportable through I2C, SPI,
UART, USB, and other interfaces
■ Precision, programmable clocking
❐ 3- to 62-MHz internal oscillator over full temperature and volt-
age range
❐ 4- to 25-MHz crystal oscillator for crystal PPM accuracy
❐ Internal PLL clock generation up to 67 MHz
❐ 32.768-kHz watch crystal oscillator
❐ Low power internal oscillator at 1, 33, and 100 kHz
■ Temperature and packaging
❐ –40 °C to +85 °C degrees industrial temperature
❐ 68-pin QFN and 100-pin TQFP package options.
Notes
1. AHB – AMBA (advanced microcontroller bus architecture) high-performance bus, an ARM data transfer bus
2. This feature on select devices only. See Ordering Information on page 115 for details.
3. GPIOs with opamp outputs are not recommended for use with CapSense.


Similar Part No. - CY8C58LP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY8C58LP INFINEON-CY8C58LP Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
logo
Cypress Semiconductor
CY8C58LP CYPRESS-CY8C58LP_13 Datasheet
3Mb / 122P
Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C58LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
PSoC짰 Programmable System-on-Chip
CY8C32 CYPRESS-CY8C32_12 Datasheet
4Mb / 122P
Programmable System-on-Chip (PSoC짰)
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
PSoC짰 Programmable System-on-Chip?
CY8C34 CYPRESS-CY8C34_13 Datasheet
3Mb / 130P
Programmable System-on-Chip (PSoC짰)
CY8C56LP CYPRESS-CY8C56LP_13 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC짰)
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com