Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C58LP Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 16Page - Cypress Semiconductor CY8C58LP Datasheet HTML 17Page - Cypress Semiconductor CY8C58LP Datasheet HTML 18Page - Cypress Semiconductor CY8C58LP Datasheet HTML 19Page - Cypress Semiconductor CY8C58LP Datasheet HTML 20Page - Cypress Semiconductor CY8C58LP Datasheet HTML 21Page - Cypress Semiconductor CY8C58LP Datasheet HTML 22Page - Cypress Semiconductor CY8C58LP Datasheet HTML 23Page - Cypress Semiconductor CY8C58LP Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 20 of 122
5.7 Memory Map
The Cortex-M3 has a fixed address map, which allows
peripherals to be accessed by simple memory access
instructions.
5.7.1 Address Map
The 4-GB address space is divided into the ranges shown in
Table 5-4:
The bit-band feature allows individual bits in SRAM to be read or
written as atomic operations. This is done by reading or writing
bit 0 of corresponding words in the bit-band alias region. For
example, to set bit 3 in the word at address 0x20000000, write a
1 to address 0x2200000C. To test the value of that bit, read
address 0x2200000C and the result is either 0 or 1 depending
on the value of the bit.
Most memory accesses done by the Cortex-M3 are aligned, that
is, done on word (4-byte) boundary addresses. Unaligned
accesses of words and 16-bit half-words on nonword boundary
addresses can also be done, although they are less efficient.
5.7.2 Address Map and Cortex-M3 Buses
The ICode and DCode buses are used only for accesses within
the Code address range, 0 - 0x1FFFFFFF.
The System bus is used for data accesses and debug accesses
within the ranges 0x20000000 - 0xDFFFFFFF and 0xE0100000
- 0xFFFFFFFF. Instruction fetches can also be done within the
range 0x20000000 - 0x3FFFFFFF, although these can be slower
than instruction fetches via the ICode bus.
The private peripheral bus (PPB) is used within the Cortex-M3 to
access system control registers and debug and trace module
registers.
Table 5-4. Address Map
Address Range
Size
Use
0x00000000 –
0x1FFFFFFF
0.5 GB Program code. This includes
the exception vector table at
power up, which starts at
address 0.
0x20000000 –
0x3FFFFFFF
0.5 GB Static RAM. This includes a 1
MByte bit-band region
starting at 0x20000000 and a
32 Mbyte bit-band alias
region starting at
0x22000000.
0x40000000 –
0x5FFFFFFF
0.5 GB Peripherals.
0x60000000 –
0x9FFFFFFF
1 GB
External RAM.
0xA0000000 –
0xDFFFFFFF
1 GB
External peripherals.
0xE0000000 –
0xFFFFFFFF
0.5 GB Internal peripherals, including
the NVIC and debug and
trace modules.
Table 5-5. Peripheral Data Address Map
Address Range
Purpose
0x00000000 – 0x0003FFFF 256 KB flash
0x1FFF8000 – 0x1FFFFFFF 32 KB SRAM in Code region
0x20000000 – 0x20007FFF 32 KB SRAM in SRAM region
0x40004000 – 0x400042FF Clocking, PLLs, and oscillators
0x40004300 – 0x400043FF Power management
0x40004500 – 0x400045FF Ports interrupt control
0x40004700 – 0x400047FF Flash programming interface
0x40004800 – 0x400048FF Cache controller
0x40004900 – 0x400049FF I2C controller
0x40004E00 – 0x40004EFF Decimator
0x40004F00 – 0x40004FFF Fixed timer/counter/PWMs
0x40005000 – 0x400051FF I/O ports control
0x40005400 – 0x400054FF External Memory Interface
(EMIF) control registers
0x40005800 – 0x40005FFF Analog Subsystem Interface
0x40006000 – 0x400060FF USB Controller
0x40006400 – 0x40006FFF UDB Configuration
0x40007000 – 0x40007FFF PHUB Configuration
0x40008000 – 0x400087FF EEPROM
0x4000A000 – 0x4000A400 CAN
0x4000C000 – 0x4000C800 Digital Filter Block
0x40010000 – 0x4001FFFF Digital Interconnect Configuration
0x48000000 – 0x48007FFF Flash ECC Bytes
0x60000000 – 0x60FFFFFF External Memory Interface
(EMIF)
0xE0000000 – 0xE00FFFFF Cortex-M3 PPB Registers,
including NVIC, debug, and trace
Table 5-5. Peripheral Data Address Map
(continued)
Address Range
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com