Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2PROT Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # H2PROT
Description  Typical application configuration for Micro RWD module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

H2PROT Datasheet(HTML) 3 Page - rfsolutions.ltd

  H2PROT Datasheet HTML 1Page - rfsolutions.ltd H2PROT Datasheet HTML 2Page - rfsolutions.ltd H2PROT Datasheet HTML 3Page - rfsolutions.ltd H2PROT Datasheet HTML 4Page - rfsolutions.ltd H2PROT Datasheet HTML 5Page - rfsolutions.ltd H2PROT Datasheet HTML 6Page - rfsolutions.ltd H2PROT Datasheet HTML 7Page - rfsolutions.ltd H2PROT Datasheet HTML 8Page - rfsolutions.ltd H2PROT Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ib technology
3
Supported transponder types
The Micro RWD H2 version is designed to communicate with Hitag 2 transponders
configured in PASSWORD mode. Setting the HT2 transponder to any other
configuration will render them inoperable with this system. The operation of the Micro
RWD and Hitag 2 transponders is described in more detail at the end of this document.
The identification codes described in this text are regarded as the first four bytes (serial
number or page 0) of the tag memory array.
Serial Interface
This is a basic implementation of RS232. The Micro RWD does not support buffered
interrupt driven input so it must control a BUSY (CTS) line to inhibit communications
from the host when it is fully occupied with tag communication. It is assumed that the
host (such as a PC) can buffer received data.
Tx, Rx and RTS signals from the Micro RWD are all TTL level and can be converted to
+/-10v RS232 levels using an inverting level converter device such as the MAX202
(note the inversion of the TTL levels).
The serial communication system and protocol allows for a 10ms ‘window’ every Tag
polling cycle indicated by the BUSY line being low. During this ‘window’ the host must
assert the first start bit and start transmitting data. The BUSY goes high again 10ms after
the last stop bit is received. NOTE that only one command sequence is handled at a
time.
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
5v
0v
idle
START
8 bit data
STOP idle
1
0
TTL levels
5v
0v
5v
0v
5v
0v
RWD
BUSY
RWD
RX
RWD
TX
Ready to Receive
Ready to Receive
RWD cannot receive CMD or DATA
CMD/DATA
CMD/DATA
DATA
RWD tag polling cycle and serial communication BUSY protocol
Transmitted or Received data byte, 9600 baud, 8 bit, 1 stop, No parity (104uS per bit)
Polling delay (100mS to 600mS)
100mS default
Host must Transmit CMD/DATA within 10mS of BUSY going low
Busy



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com